Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAH36021 Datasheet(PDF) 2 Page - Powerbox

Part # MAH36021
Description  25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAH36021 Datasheet(HTML) 2 Page - Powerbox

  MAH36021 Datasheet HTML 1Page - Powerbox MAH36021 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
187
MAH 36 Series
25
W A TTS
SINGLE
&
MUL TI
OUTPUT
DC/DC
INDUSTRIAL
PIN CONNECTION
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
TRIPLE
OUTPUT
1
+V Input
+V Input
+V Input
2
- V Input
-V Input
-V Input
3
+Sense
+V Output
+V Output
4
Output trim
Common
Common
5
-Sense
-V Output
-V Output
6
+V Output
NP
+5V Output
7
-V Output
NP
NP
8
Remote On/Off Control
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
mA
INPUT CURRENT
NO LOAD
mA
INPUT CURRENT
FULL LOAD
mA
MAH 36 003
9-36
5
5000
20
1350
MAH 36 006
9-36
12
2500
20
1560
MAH 36 009
9-36
15
2000
20
1560
MAH 36 012
9-36
±12
1250
25
1560
MAH 36 015
9-36
±15
1000
25
1560
MAH 36 018
9-36
5/±12
3000/625
25
1650
MAH 36 021
9-36
5/±15
3000/500
25
1650
MAH 36 024
9-36
+5/+12/-5
3000/600/1000
25
1450
MAH 36 027
18-72
5
5000
15
670
MAH 36 030
18-72
12
2500
15
770
MAH 36 033
18-72
15
2000
15
770
MAH 36 036
18-72
±12
1250
20
750
MAH 36 039
18-72
±15
1000
20
750
MAH 36 042
18-72
5/±12
3000/625
20
790
MAH 36 045
18-72
5/±15
3000/500
20
780
MAH 36 048
18-72
+5/+12/-5
3000/600/1000
20
725
NP = No pin.
REMOTE ON/OFF CONTROL
Logic compatibility
CMOS or open collector TTL
Output-On
>5.5VDC or open circuit
Output-Off
<1.8VDC
Shutdown idle current
10mA
Input resistance
100K ohms (Ein 0 to 9VDC)
Control common
Referenced to input minus
EXTERNAL OUTPUT TRIMMING
Output may optionally be externally trimmed (±10%) with a fixed resistor
or an external trimpot as shown.
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com