Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAH36021 Datasheet(PDF) 1 Page - Powerbox

Part # MAH36021
Description  25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAH36021 Datasheet(HTML) 1 Page - Powerbox

  MAH36021 Datasheet HTML 1Page - Powerbox MAH36021 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
186
MAH 36 Series
25
W A TTS
SINGLE
&
MUL TI
OUTPUT
DC/DC
INDUSTRIAL
Features
•
4:1 Input range
•
Efficiency to 84 %
•
200 kHz switching frequency
•
500 VDC isolation
•
Six-sided shield
Specifications
INPUT
Nominal voltage
12V, 24V, 48V.
Voltage range
9-36V, 18-72V.
Isolation
500VDC.
Filter
PI-type
OUTPUT
Power
25W and 30W.
Regulation
Line:Single, dual ±0.2%, triple ±1.0%
Load:Single, dual ±1.0%, triple ±5.0%.
25% min load is required to meet specification.
Load transient response
<480µs.
Setting accuracy
Single:±1%.
Dual:+output ±1%, -output ±3%.
Triple:5V ±1%, 12/15V ±5%, -5V ±2%.
Ripple and noise
Max. 75 mVp-p.
Short circuit protection
Fold-back. Approx 80% of output current at
short circuit.
Temp coefficient
±0.02 %/°C.
Efficiency
77% to 85%.
ENVIRONMENTAL
Operating temperature
–25°C to +71°C.
Storage temperature
–55°C to +105°C.
Cooling
Convection.
GENERAL
MTTF
200 000 hours at 25°C ambient.
Switching frequency
Min. 250 kHz.
Equivalent capacitance
1000 pF.
Case
Black coated copper with non-conductive base.
Dimensions (H x W x L)
21.1 x 65.0 x 76.2 mm.
Weight
180g.
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Technical Illustration


Similar Part No. - MAH36021

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH36-1000-B1-07 CUI-MAH36-1000-B1-07 Datasheet
106Kb / 3P
absolute encoder
MAH36-1000-B1-08 CUI-MAH36-1000-B1-08 Datasheet
106Kb / 3P
absolute encoder
MAH36-1000-B1-10 CUI-MAH36-1000-B1-10 Datasheet
106Kb / 3P
absolute encoder
MAH36-1000-B5-07 CUI-MAH36-1000-B5-07 Datasheet
106Kb / 3P
absolute encoder
More results

Similar Description - MAH36021

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH16 POWERBOX-MAH16 Datasheet
560Kb / 2P
17-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH35 POWERBOX-MAH35 Datasheet
519Kb / 2P
25-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
Integrated Power Design...
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-185 IPDPOWER-DC4-185 Datasheet
404Kb / 2P
185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. W 10/06/2022
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
25 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com