Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBP02016 Datasheet(PDF) 1 Page - Powerbox

Part # OBP02016
Description  200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

OBP02016 Datasheet(HTML) 1 Page - Powerbox

  OBP02016 Datasheet HTML 1Page - Powerbox OBP02016 Datasheet HTML 2Page - Powerbox OBP02016 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
347
Your dependable power partner – www.powerbox.com.au
Medline 300 Series
200-300 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Specifications
INPUT
Input Voltage
90-264Vac
Frequency
47Hz–63Hz
Input Current
4.7A (rms) for 115Vac
2.2A (rms) for 230Vac
Leakage current
90µA max. at 115Vac. 60Hz
150µA max. at 230Vac. 50Hz
Isolation
Input – Output: 4000VAC
Input – Ground: 1500VAC
Output – Ground: 500VAC
Inrush Current
30A at 115V or 80A at 230V at 25°C and cold
start
OUTPUT
Power
See table
Voltage
See table
Ripple & Noise
2% peak to peak max
Overvoltage Protection
Provided on output #1 only. Set at 115%–140%
of nominal output voltage
Overcurrent Protection
All outputs protected for short circuit conditions
Temperature Coefficient
All outputs ±0.04% per °C
Transient Response
Max. excursion of 4%or better on all models,
recovering to 1% of final value within 500µs after
a 25% step load change
PFD Signal
TTL logic high for normal operation and TTL logic low
upon loss of input power. This signal appears at least
1ms prior to +5V output dropping 5% below its
nominal value. This signal also provides a minimum
delay of 100ms after +5V is within regulation
Remote inhibit
Requires an external TTL high level signal to
inhibit outputs for standard models
Line Regulation
±0.2% maximum at full load
Holdup Time
Typically 12ms at 110VAC
OPERATING
MTBF
350,000 hrs @ 25°C
Efficiency
70% minimum.
ENVIRONMENTAL
Operating Temperature
0°C to 70°C
Derating
Derate from 100% at +50°C linearly to 50%
at 70°C
Storage Temperature
-40°C to 85°C
Humidity
5%–95% non-condensing
Cooling
35 CFM forced air, provided on “C” version, to be
provided for “B” version by user
STANDARDS AND APPROVALS
Safety standards
UL60601-1, TUV EN60601-1
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN55011 Class B, FCC Class B, EN61000-3-2, -3,
EN61000-4-2, -3, -4, -5, -6, -8, -11
MECHANICAL
Dimensions
177.8x101.6x38.1mm
Weight
0.82Kgs for “B” version.
0.96Kgs for “C” version.
Features
• EN61000-3-2 class A and D compliant.
• Power factor 0.98 typical.
• Remote sense on output 1 and output 2.
• Overvoltage protection.
• Overcurrent protection.
• Power fail detection (PFD) signal.
• 100% burn-in at full rated load.
• Remote inhibit - TTL high disables output.
• Short curcuit protection


Similar Part No. - OBP02016

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBP120-R100-2EP-IO-L PF-OBP120-R100-2EP-IO-L Datasheet
489Kb / 4P
Laser trigger marks sensor
OBP120-R100-2EP-IO-V31-L PF-OBP120-R100-2EP-IO-V31-L Datasheet
1Mb / 7P
Trigger marks sensor
OBP120-R100-EP-IO-V3-L PF-OBP120-R100-EP-IO-V3-L Datasheet
528Kb / 4P
Laser trigger marks sensor
More results

Similar Description - OBP02016

ManufacturerPart #DatasheetDescription
logo
Powerbox
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
450 - 480 watts single & multiple output ac/dc medical
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com