Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBP02016 Datasheet(PDF) 2 Page - Powerbox

Part # OBP02016
Description  200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

OBP02016 Datasheet(HTML) 2 Page - Powerbox

  OBP02016 Datasheet HTML 1Page - Powerbox OBP02016 Datasheet HTML 2Page - Powerbox OBP02016 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
348
CONNECTOR P1(AC)
P2
P3
P4
P5
P6
MODEL/PIN
1
2
3
OBP02013
OBP02031
OBP02046
OBP02070
OBP02016
OBP02037
OBP02055
Live
Neutral
Ground
OUTPUT
OUTPUT #1 OUTPUT #1
OUTPUT #1
OUTPUT #1
#1 RET
Medline 300 Series
200-300 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Selection Table
CONNECTOR P4
MODEL/PIN
1
2
3
4
5
6
7
8
9
10
OBP02013
OBP02031
OBP02046
OBP02070
OBP02016
OBP02037
OBP02055
SIGNAL
GROUND
+S
(Vo1)
-S
(Vo1)
PFD
INHIBIT
N.C.
N.C.
N.C.
OV
(FAN)
12V
(FAN)
Pin Connection
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
VNOM IMIN
IMAX
TOL
VNOM
IMIN
IMAX TOL
VNOM
IMIN
IMAX
TOL
POWER
OBP02013
3.3V
0A
60A
3%
200W
OBP02016
5.1V
0A
60A
2%
300W
OBP02031
12V
0A
25A
2%
300W
OBP02037
15V
0A
20A
2%
300W
OBP02046
24V
0A
12.5A
2%
300W
OBP02055
30V
0A
10A
2%
300W
OBP02170
48V
0A
6.3A
2%
300W
OBP02403
+3.3V
3.0A
35A
3%
5.1V
2.0A
22A
2%
12V
0A
4A
4%
12V
0A
4A
4%
250W
OBP02404
+5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
5.1V
0A
4A
4%
300W
OBP02407
+5.1V
2.0A
35A
2%
15V
0.8A
8A
2%
15V
0A
4A
4%
24V
0A
2.5A
4%
300W
OBP02410
+5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
OBP02413
+5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
24V
0A
2.5A
4%
300W
OBP02418
+5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
15V
0A
4A
4%
300W
OBP02419
+5.1V
2.0A
35A
3%
24V
0.5A
5A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
OBP02424
+5.1V
2.0A
35A
2%
24V
0.5A
5A
2%
5.1V
0A
4A
4%
15V
0A
4A
4%
300W
OBP02427
+5.1V
2.0A
35A
2%
12V
1.0A
10A
2%
5.1V
0A
4A
4%
24V
0A
2.5A
4%
300W
OBP02430
24V
0.5A
6.3A
2%
12V
1.0A
10A
2%
5.1V
0A
4A
4%
12V
0A
4A
4%
300W
OBP02433
24V
0.5A
6.3A
2%
12V
1.0A
10A
2%
5.1V
0A
4A
4%
24V
0A
2.5A
4%
300W
OBP02436
24V
0.5A
6.3A
2%
12V
1.0A
10A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
OBP02439
24V
0.5A
6.3A
3%
24V
0.5A
5A
2%
5.1V
0A
4A
4%
15V
0A
4A
4%
300W
OBP02442
24V
0.5A
6.3A
2%
24V
0.5A
5A
2%
12V
0A
4A
4%
12V
0A
4A
4%
300W
NOTES:
(1) Add suffix “B” for U-bracket format and “C” for enclosed format.
(2) All outputs are floating. It can be connected externally for postive or negative output.
(3) Output 1 and 2 can be adjusted within
±5% of their nominal voltage.
(4) Output 3 and 4 can be adjusted within
±15% of their nominal voltage.
(5) 300 watts for “C” version with a cover and fan assembly 150 watts for “B” version without moving air (maximum current of ouput #1 & #2 derated to 50%),
or 300 watts with 25 CFM forced air provided by user.
(6) PM300-10-3 is rated 200 watts with 35 CFM forced air cooling or 100 watts convectional cooled. PM300-40-3 is rated 250 watts with 35 CFM forced air
cooling (maximum current of output 1 & 2 derated to 50%) or 125 watts convection cooled.
(7) Single output models may be operated at no-load. At no-load, output voltage tolerance increases to 10%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com