Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB271 Datasheet(PDF) 1 Page - Powerbox

Part # PB271
Description  100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PB271 Datasheet(HTML) 1 Page - Powerbox

  PB271 Datasheet HTML 1Page - Powerbox PB271 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
111
PB271 Series
100-150 W A TTS DC/DC SINGLE OUTPUT RAIL W A Y
Features
•
Rugged DC/DC converter for railway applications
•
45-154Vdc input / 12 or 24Vdc output.
•
High temperature operation, no cooling fan.
•
Up 60°C ambient with full load, derate up to 90°C.
•
Shock & vibration protection (potted).
•
Overvoltage, short circuit, over-temperature,
input transients & reverse polarity protection.
•
Complies with EN50121-3-2: 2000.
•
Output terminal, available in screw, cage clampor
phoenix terminals.
•
Designed & manufactured in Australia.
Specifications
INPUT
Voltage
45-154Vdc
Current
4.2A
Isolation
Input to chassis: 2121Vdc, 1 min.
Input to output: 4242Vdc, 1 min.
Output to chassis: 707Vdc, 1 min.
Reverse voltage protection Indefinite, series blocking diode on input.
OUTPUT
Voltage
See Table
Current
See Table
Power
100-150W
Ripple & noise
30mV p-p
Line regulation
0.5% of Vnom
Load regulation
12Vout = 3% Vnom
24Vout = 1.5% Vnom
Overvoltage protection
130% of Vnom, manual restart required.
Overcurrent protection
110% of Inom, auto recovery.
Short circuit protection
Indefinite, auto recovery.
Over temperature
protection
110°C, auto recovery.
Efficiency
85% at full load.
ENVIRONMENTAL
Operating Temperature
-25 – 60°C, derate to 90°C, consult sales
Relative Humidity
5 – 90% (non-condensing)
Cooling
Natural convection
PB271 Ordering information
STANDARDS
Safety standards
Complies with AS/NZS60950:2000
C-tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
Designed to comply with EN50121-3-2: 2000
MECHANICAL
General
Chassis mount enclosure
Input & output connection -S: 4 ways screw T/B 20A/300V suitable for up to
4mm² wire
-C: 5 ways cage clamp T/B 20A/300V suitable for up
to 4mm² wire
-P: 4 ways pluggable T/B 20A /300V suitable for up
to 4mm² wire
Ground Terminal
M4x12 stud
Length
290mm
Width
80mm (without heatsinks) 135mm (with heatsinks)
Height
-S: 69mm
-C: 73mm
-P: 51mm
Weight (unpacked)
1.9kgs (without heatsinks) 2.4kgs (with heatsinks)
PB271
_
12
S
_
H
1
2
3
4
1. Series name
2. Output voltage
-12
-24
3. Output connection
-S (Screw terminal block)
-C (Cage clamp terminal block)
-P (Pluggable terminal block)
4. Optional
- Heatsinks


Similar Part No. - PB271

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PB271818 HAMMOND-PB271818 Datasheet
69Kb / 2P
Panneau interieur - Serie PB
PB271818CC HAMMOND-PB271818CC Datasheet
125Kb / 2P
Bo챤te de jonction en polyester de type 4X avec couvercle transparent
More results

Similar Description - PB271

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PB169 POWERBOX-PB169 Datasheet
258Kb / 1P
100-138 WATTS RAILWAY DC/DC CONVERTERS
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
15-150 WATTS DC/DC SINGLE OUTPUT
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
300W Railway Single Output DC-DC Converter
logo
Wall Industries,Inc.
DCMQ50 WALL-DCMQ50 Datasheet
516Kb / 7P
50 Watts DC/DC Railway Converter Single Output
DCMQ75 WALL-DCMQ75 Datasheet
525Kb / 7P
75 Watts DC/DC Railway Converter Single Output
logo
Integrated Power Design...
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com