Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI-RJ63-MY Datasheet(PDF) 1 Page - Powerbox

Part # MI-RJ63-MY
Description  10-150 WATTS MILITARY COTS DC/DC CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MI-RJ63-MY Datasheet(HTML) 1 Page - Powerbox

  MI-RJ63-MY Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
373
Your dependable power partner – www.powerbox.com.au
MI-JOO Mega Series
10-150 W A TTS MILIT AR Y COTS DC/DC CONVER TER
Features
•
Inputs: 28, 155, 165, to 270VDC
•
Output: 2 to 48VDC
•
High efficiency
•
Remote sense
•
Up to 13.5 watts/cubic inch
•
ZVS/ ZCS power architecture
•
Low noise FM control
Selection Table
INPUT
Input Voltage
See table
No load power disspation
Typ 1.35W
OUTPUT
Output Voltage
See table
Output Power
See table
Output Ripple
80mV pk-pk typical
Load Regulation
0.05% Vnom typical
Line Regulation
0.05% Vnom typical
Current Limit Setting
105%–125%
Set Point Accuracy
0.5% Vnom typical
Low–High Trim Voltage
50%–110%
Total Remote Sense
Compensation
0.5V
OPERATING
Efficiency
80%–90%
Isolation
Input to Output 3,000Vrms
Output to Baseplate 500Vrms
Input to Baseplate 1,500Vrms
ENVIRONMENTAL
Cooling
External cooling may be required, consult sales
office.
STANDARDS AND APPROVALS
Safety standards
Refer to MI-J00
MECHANICAL
Dimensions
1 Up: 65.5x63.5x15.7mm
2 Up: 65.5x124.4x15.7mm
3 Up: 65.5x185.4x15.7mm
Selection Table
Single Output
MI-LJ [a] [b] – [c] [d]
10–50W
Dual Output
MI-PJ [a] [b] [b] – [c] [d] [d]
20–100W
Triple Output
MI-RJ [a] [b] [b] [b] – [c] [d] [d] [d]
30–150W
Please substitute selection character (e.g. [a]) with value designator in the
appropriate table below.
A = INPUT VOLTAGE
B = OUTPUT VOLTAGE
VNOM
RANGE
TRANS
2 = 28V
18–50V (1)
60V
Z=2V
M = 10V
J = 36V
5 = 155V
100–210V
230V
Y= 3.3V
1 = 12V
K = 40V
6 = 270V
125–400V (2)
475V
0= 5V
P = 13.8V
4 = 48V
7 = 165V
100–310V (3)
X= 5.2V
2 = 15V
V= 5.8V
N = 18.5V
T = 6.5V
3 = 24V
R = 7.5V
L = 28V
C = PRODUCT GRADE D = OUTPUT POWER/CURRENT
JUNIOR SIZE
JUNIOR SIZE MODULE
V out
5V
V out <5V
I = -40°C to +100°C
A = 10W
–
M = -55°C to +100°C
Z = 25W
Z = 5A
Y = 50W
Y = 10A
Note :(1) 16V operation at 75% load.
(2) These units rated at 75% load from 125-150Vin: 5 Vout @ 50W, 2V and
3.3 V @ 10A
(3) For use with Vicor‘s MI-AIM
For Technical Illustration refer to page 375 in Module Section


Similar Part No. - MI-RJ63-MY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
Military Ripple Attenuator Modules
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
MI-RC21-IA POWERBOX-MI-RC21-IA Datasheet
1Mb / 2P
50-300 WATTS MILITARY READY TO USE COMPONENET
MI-RC21-IP POWERBOX-MI-RC21-IP Datasheet
1Mb / 2P
50-300 WATTS MILITARY READY TO USE COMPONENET
MI-RC21-IS POWERBOX-MI-RC21-IS Datasheet
1Mb / 2P
50-300 WATTS MILITARY READY TO USE COMPONENET
More results

Similar Description - MI-RJ63-MY

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-HP SYNQOR-MCOTS-C-28-05-HP Datasheet
1,000Kb / 13P
MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
Military COTS DC/DC Converters
MCOTS-C-28-12-HP SYNQOR-MCOTS-C-28-12-HP Datasheet
1,006Kb / 13P
MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-HP SYNQOR-MCOTS-C-28-15-HP Datasheet
1,013Kb / 13P
MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-15-QT SYNQOR-MCOTS-C-28-15-QT Datasheet
982Kb / 13P
MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-24-QT SYNQOR-MCOTS-C-28-24-QT Datasheet
999Kb / 13P
MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-HP SYNQOR-MCOTS-C-28-48-HP Datasheet
1Mb / 13P
MILITARY COTS DC/DC CONVERTER
MCOTS-C-28-48-QT SYNQOR-MCOTS-C-28-48-QT Datasheet
989Kb / 13P
MILITARY COTS DC/DC CONVERTER
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
50-100 WATTS MILITARY COTS DC/DC CONVERTER
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
10-50 WATTS MILITARY COTS DC/DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com