Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1010 Datasheet(PDF) 4 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 4 Page - Eorex Corporation

  EU1010 Datasheet HTML 1Page - Eorex Corporation EU1010 Datasheet HTML 2Page - Eorex Corporation EU1010 Datasheet HTML 3Page - Eorex Corporation EU1010 Datasheet HTML 4Page - Eorex Corporation EU1010 Datasheet HTML 5Page - Eorex Corporation EU1010 Datasheet HTML 6Page - Eorex Corporation EU1010 Datasheet HTML 7Page - Eorex Corporation EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
Memory
The EU1010 has a 14-bit program counter which can totally address 16K x 8 bits. All the special function
registers, data RAM, stack RAM and program ROM are assigned in this area as the following diagram.
0000H
Special Function Register
0022H
Un-used
00A0H
( zero page )
Data RAM : 96 x 8 bits
00FFH
0100H
Data & Stack RAM : 32 x 8 bits
011FH
Un-used
2000H
Program ROM : 4K x 8 bits
2FFFH
Figure_A
Memory mapping diagram
Program ROM
The EU1010 contains 4Kx8 bit program OTP and its addressing size is assigned from $2000H to
$2FFFH. After power on reset, the data restored in addresses $2FFCH and $2FFDH are loaded into
program counter. It means that RESET vector address is located in $2FFCH and $2FFDH.
Data RAM and STACK RAM
The EU1010 data RAM are located from $A0H to $11FH. All the data RAM area from $A0H to $0FFH
could be accessed by zero-page addressing mode. That STACK RAM could be accessed from $100H to
$11FH. Actually, the area of $100H ~ $11FH, could be accessed as data RAM or STACK RAM. User
needs to preset stack pointer (SP) after power on reset. Program Counter (PC) should be initialized after
power on reset that ROM address $2FFCH and $2FFDH content will be loaded into Program Counter.
4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com