Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1010 Datasheet(PDF) 1 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 1 Page - Eorex Corporation

  EU1010 Datasheet HTML 1Page - Eorex Corporation EU1010 Datasheet HTML 2Page - Eorex Corporation EU1010 Datasheet HTML 3Page - Eorex Corporation EU1010 Datasheet HTML 4Page - Eorex Corporation EU1010 Datasheet HTML 5Page - Eorex Corporation EU1010 Datasheet HTML 6Page - Eorex Corporation EU1010 Datasheet HTML 7Page - Eorex Corporation EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
8-bit MCU with 10-bit A/D Converter
Features
• 2.2V to 5.5V Input Voltage Range
• 8 I/O ports
• RAM size: 128 x 8 bits
• The STACK RAM is included.
• Program ROM size: 4K x 8 bits OTP
• 2 channels 10 bits A/D Converter input source.
• One set of 16-bit down count timer and one set
of 8-bit timer.
• Operating temperature: -40 ~ +125 ℃
• Build-in Low Voltage Reset (LVR) circuit.
• Oscillator: Internal RC oscillation.
Description
The EU1010 is an OTP type 8-bit micro-controller
with 2 channels of 10-bit A/D converter using
advanced
CMOS
process.
The
EU1010
is
specially designed for various industrial field
applications. The EU1010 incorporates two sets
of 8-bit timer/counters, where timer0/1 is specially
designed for PWM (Pulse Width Modulation)
generator. There are 8 I/O ports in EU1010.
Considering form factor and manufacturability,
the
EU1010
is
packaged
into
10-pin
non-JEDEC-standard compact-size SOP.
Ordering Information
Eorex MCU
OTP code
Packing
EU1010 – xxxxXX – XX X
R: Taping & Reel
T: Tray
SU: SOP
U: Tube
Package
xxxx : Customer/Product
code
XX : OTP code serial no.
1010 : 8 I/O ports
1/21


Similar Part No. - EU1010

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUR EOREX-EU1010-XX-SUR Datasheet
561Kb / 21P
8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUT EOREX-EU1010-XX-SUT Datasheet
561Kb / 21P
8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUU EOREX-EU1010-XX-SUU Datasheet
561Kb / 21P
8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
8-bit MCU with 10-bit A/D Converter
More results

Similar Description - EU1010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
fujitsu semiconductor
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
8 CH 10 BIT A/D CONVERTER
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
8-bit MCU with 10-bit A/D Converter
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
logo
Eorex Corporation
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
8-bit MCU with 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com