Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62002AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TD62002AF
Description  7CH DARLINGTON SINK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TD62002AF Datasheet HTML 2Page - Toshiba Semiconductor TD62002AF Datasheet HTML 3Page - Toshiba Semiconductor TD62002AF Datasheet HTML 4Page - Toshiba Semiconductor TD62002AF Datasheet HTML 5Page - Toshiba Semiconductor TD62002AF Datasheet HTML 6Page - Toshiba Semiconductor TD62002AF Datasheet HTML 7Page - Toshiba Semiconductor TD62002AF Datasheet HTML 8Page - Toshiba Semiconductor TD62002AF Datasheet HTML 9Page - Toshiba Semiconductor TD62002AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TD62001~004P/AP/F/AF
2001-06-27
6
8. tON, tOFF
Note 1: Pulse width 50 µs, duty cycle 10%
Output impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: See below
INPUT CONDITION
TYPE NUMBER
R1
VIH
TD62001P / AP / F / AF
2.7 kΩ
3 V
TD62002P / AP / F / AF
0
13 V
TD62003P / AP / F / AF
0
3 V
TD62004P / AP / F / AF
0
8 V
Note 3: CL includes probe and jig capacitance.
PRECAUTIONS for USING
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com