Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62002AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TD62002AF
Description  7CH DARLINGTON SINK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62002AF Datasheet HTML 1Page - Toshiba Semiconductor TD62002AF Datasheet HTML 2Page - Toshiba Semiconductor TD62002AF Datasheet HTML 3Page - Toshiba Semiconductor TD62002AF Datasheet HTML 4Page - Toshiba Semiconductor TD62002AF Datasheet HTML 5Page - Toshiba Semiconductor TD62002AF Datasheet HTML 6Page - Toshiba Semiconductor TD62002AF Datasheet HTML 7Page - Toshiba Semiconductor TD62002AF Datasheet HTML 8Page - Toshiba Semiconductor TD62002AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TD62001~004P/AP/F/AF
2001-06-27
3
RECOMMENDED OPERATING CONDITIONS
(Ta = −40~85°C and Ta = −30~75°C for only Type−P)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
P, F
0
―
35
Output Sustaining
Voltage
AP, AF
VCE (SUS)
0
―
50
V
Duty = 10%
0
―
370
AP
Duty = 50%
0
―
130
Duty = 10%
0
―
295
P
Duty = 50%
0
―
95
Duty = 10%
0
―
233
Output Current
F, AF
IOUT
Tpw = 25 ms
7 Circuits
Ta = 85°C
Tj = 120°C
Duty = 50%
0
―
70
mA /
ch
Input Voltage
Except
TD62001P /
AP / F / AF
VIN
0
―
24
V
TD62002
14.5
―
24
TD62003
2.8
―
24
Input Voltage
(Output On)
TD62004
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
―
24
V
TD62001
0
―
0.6
TD62002
0
―
7.4
TD62003
0
―
0.7
Input Voltage
(Output Off)
TD62004
VIN (OFF)
0
―
1.0
V
Input Current
Only TD62001
IIN
0
―
10
mA
P, F
―
―
35
Clamp Diode Reverse
Voltage
AP, AF
VR
―
―
50
V
Clamp Diode Forward Current
IF
―
―
350
mA
P
―
―
0.6
AP
Ta = 85°C
―
―
0.76
Power Dissipation
AF, F
PD
Ta = 85°C
(Note)
―
―
0.325
W
Note:
On glass epoxy PCB (30 × 30 × 1.6 mm Cu 50%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com