Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEG85762-R1-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSEG85762-R1-PF
Description  RECTANGLE TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG85762-R1-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSEG85762-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
40
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Ambient Temperature(
℃)
Fig.4 Relative Intensity vs. Temperature
1.0
750
700
650
600
550
Wavelength (nm)
0.5
0.0
1.0
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
-20
0.8
-40
20
0
0.9
80
60
40
100
0.0
-40
-20
0
20
0.5
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.2
1.0
1.1
2.0
1.5
2.5
3.0
1.0
1.0
3.0
2.0
0.1
10
100
1.0
4.0
5.0
0.0
1.0
10
0.5
1.5
2.5
2.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
SE CHIP
3.0
100
60
80
1000
100
Page 3/6
PART NO. LSEG85762/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com