Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEG85762-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSEG85762-R1-PF
Description  RECTANGLE TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG85762-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEG85762-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG85762-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
609
565
30
45
8.0
8.0
4.5
3.0
---
2.6
10
2/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
Green
Orange
Symbol
Parameter
Ratings
Absolute Maximum Ratings at Ta=25
℃
mA
mW
80
80
50
40
μA
10
IFP
PD
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Ir
Reverse Current @5V
Forward Current
IF
mA
15
15
℃
-40 ~ +100
Tstg
Storage Temperature
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Luminous
intensity
@
mA(mcd)
COLOR
PART NO
MATERIAL
Typical Electrical & Optical Characteristics (Ta=25
℃)
Typ.
168
Max. Min.
Min.
Lens
Emitted
Orange
White Diffused
LSEG85762/R1-PF
GaAsP/GaP
GaP
Green
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Peak
wave
length
λPnm
Viewing
angle
2
θ 1/2
(deg)
Operating Temperature
-40 ~ +85
Topr
℃
1.7
1.7
Typ.
---
2.1
Forward
voltage
@10mA(V)
168
PART NO. LSEG85762/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com