Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF2641/TRF-X Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRF2641/TRF-X
Description  TAPE AND REEL TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF2641/TRF-X Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRF2641/TRF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TRF-7
0.67
17.125
21.125
0.83
Package Dimensions
•
Dimensions Symbol Information
•
Core Diameter
Hub Recess Inside Diameter
Arbor Hole Diameter
Reel Diameter
Iside Reel Flange Thickness
Overall Reel Thickness
T1
LSRF2641/TRF-X
1.18
2000PCS
30.0
50.0
1.97
maxmum
D1
D3
D2
T
0.54
---
13.8
---
57.2
38.1
1.37
1.13
28.6
34.9
88.0
102
D
Symbol
Description
inch
3.08
78.2
mm
380
mm
minimum
Specification
2.25
1.5
3.46
4.02
MARKING
14.96
inch
Feed Hole Pitch
Lead Length After Component Height
Feed Hole To Overall Component Height
Overall Taped Package Thickness
Feed Hole Location
Center Of Component Location
Tape Width
Adhesive Tape Position
Adhesive Tape Width
REMARK:TRF=Tape And Reel Forming Leads
Lead Location
-------
0.12
P1
3.15
4.55
0.18
P2
W0
W1
W2
W3
-------
-------
-------
T
-------
-------
-------
0.61
0.57
15.5
14.5
0.69
17.5
00
0.75
19.0
0.16
4.0
-------
-------
8.5
0.33
5.1
0.2
0.06
1.42
0.38
9.75
0.3
7.7
H2
TRF-12
L
-------
P
-------
-------
TRF-9
TRF-11
TRF-8
0.83
23.0
0.91
21.0
W0
12.4
0.49
-------
-------
0.43
11.0
0.51
13.0
1.42
36
1.02
26.0
24.0
0.94
20.0
0.79
1.1
28.0
1.02
26.0
0.89
22.5
Page 3/6
Component Lead Pitch
Tape Feed Hole Diameter
Dimensions Symbol Information
•
Height Of Seating Plane
Feed Hole To Bottom Of Component
Front-To-Rear Deflection
-------
-------
△
H
-------
2.0
0.08
H
H1
TRF-3
TRF-5
TRF-6
TRF-4
TRF-1
TRF-2
-------
0.89
24.5
0.96
22.5
0.85
21.5
20.2
0.8
25.5
1.0
0.89
22.5
0.83
21.2
1.04
26.5
0.69
17.5
19.0
0.75
15.5
0.61
0.77
19.5
0.83
21.0
0.65
16.5
SYMBOL
D
OPTION
CODE
-------
F
-------
SYMBOL ITEMS
Maximum
Minimum
0.15
3.8
4.8
0.19
mm
inch
0.17
4.2
0.23
5.8
inch
mm
SPECIFICATIONS
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
D
T2
T1
D3
D2
D1
LSRF2641/TRF-X
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com