Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF2641/TRF-X Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSRF2641/TRF-X
Description  TAPE AND REEL TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF2641/TRF-X Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSRF2641/TRF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF2641/TRF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.18
4.55
3.15
P1
0.12
Lead Location
---
---
2.25
57.2
T
Overall Reel Thickness
Iside Reel Flange Thickness
LSRF2641/TRF-X
T1
50.0
2000PCS
30.0
1.18
1.97
Symbol
REMARK:TRF=Tape And Reel Forming Leads
Dimensions Symbol Information
•
D
Reel Diameter
Arbor Hole Diameter
Hub Recess Inside Diameter
Core Diameter
D2
D3
D1
Description
Adhesive Tape Width
Adhesive Tape Position
Tape Width
Center Of Component Location
Feed Hole Location
Overall Taped Package Thickness
Package Dimensions
•
MARKING
14.96
380
3.08
78.2
102
88.0
38.1
1.13
28.6
13.8
0.54
34.9
1.37
3.46
1.5
4.02
mm
Specification
minimum
mm
inch
maxmum
inch
-------
-------
-------
W3
17.5
W2
W1
0
14.5
-------
-------
-------
-------
W0
T
8.5
-------
P2
5.1
15.5
19.0
0.69
0.57
0
4.0
0.75
0.16
0.61
9.75
1.42
0.33
-------
0.2
7.7
0.38
0.06
0.3
0.08
2.0
-------
△
H
-------
-------
Front-To-Rear Deflection
Feed Hole To Bottom Of Component
Feed Hole To Overall Component Height
Lead Length After Component Height
Feed Hole Pitch
Height Of Seating Plane
1.08
27.5
25.5
1.0
TRF-19
-------
-------
-------
L
P
12.4
H2
-------
TRF-21
TRF-22
TRF-20
25.0
20.5
13.0
11.0
W0
0.49
-------
36
0.43
0.51
1.42
22.5
27.0
0.98
0.81
1.06
0.89
TRF-15
TRF-17
TRF-18
TRF-16
H1
TRF-13
TRF-14
-------
H
15.5
16.5
0.61
0.65
Dimensions Symbol Information
•
Tape Feed Hole Diameter
Component Lead Pitch
SYMBOL ITEMS
Minimum
OPTION
CODE
-------
-------
3.8
D
F
4.8
mm
SYMBOL
mm
4.2
0.15
0.19
5.8
inch
0.17
0.23
inch
Maximum
SPECIFICATIONS
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/6
19.0
0.75
20.0
0.79
21.7
0.85
23.7
0.93
22.5
0.89
23.5
0.93
17.5
0.69
18.0
0.71
18.5
0.73
19.5
0.77
20.5
0.81
21.5
0.85
22.0
0.87
23.0
0.91
D
T1 T2
D1
D2
D3
LSRF2641/TRF-X
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com