Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF9353 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSRF9353
Description  AXIAL TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9353 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSRF9353 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preheat
60 ~ 120 sec
120
150
5sec
Time
Reflow Temp/Time
Rising
+5
℃/sec
220
Temp.
(
℃)
Cooling
-5
℃/sec
PART NO. LSRF9353
Soldering Iron:
Basic spec is
≦5 sec when 260℃. If temperature is higher, time should be shorter(+10 ℃ → -1sec).
Power dissipation of iron should be smaller than 15W,and temperature should be controllable.
Surface temperature of the device should be under 230
℃.
Soldering heat
245
±5℃ within 5 sec
120 ~ 180 sec
Soldering heat Max. 260
℃
Preheat
120 ~ 150
℃
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com