Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF9353 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSRF9353
Description  AXIAL TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9353 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSRF9353 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9353 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
1.T.Sol=235
℃±5℃
2.Immersion time 2
±0.5sec
3.Coverage
≧95% of the dipped surface
Ramp-up rate(183
℃ to Peak) +3 ℃ second max
Temp. maintain at 125(
±25)℃ 120 seconds max
Temp. maintain above 183
℃ 60-150 seconds
Peak temperature range 235
℃+5/-0℃
Time within 5
℃ of actual Peak Temperature(tp)
10-30 seconds
Ramp-down rate +6
℃/second max
Environmental
Test
IR Reflow
Temperature
Cycling
1.105
℃ ~ 25℃ ~ -55℃ ~ 25℃
30mins 5mins 30mins 5mins
2.10 Cyeles
MIL-STD-750D:2031.2
J-STD-020
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Operating Life Test
Thermal Shock Test
High Temperature
High Humidity
Storage Test
Solderability Test
1.Ta=105
℃±5℃&-40℃±5℃
(10min)
(10min)
2.total 10 cycles
1.Ta=65
℃±5℃
2.RH=90 %~95%
3.t=1000hrs
±2hrs
High Temperature
Storage Test
Low Temperature
Storage Test
Endurance
Test
1.Ta=-40
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
Classification
Test Item
Reliability Test:
Test Condition
PART NO. LSRF9353
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-202F:103B
JIS C 7021: B-11
JIS C 7021: B-12
MIL-STD-883D:1008
JIS C 7021: B-10
Reference
Standard
Page 6/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com