Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP250
Description  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 2 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.10.1.09_1
NLP250 Series
2 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EnvironmentalSpecifications
Thermalperformance:
Operatingambient,
0°Cto+70°C
(Seederatingcurve)
Non-operating
-40°Cto+85°C
0°Cto50°Cambient,
250W
200LFMforcedair
250LFMwithcover
0°Cto50°Cambient,
0°Cto40°Cwithcover
175W
Convectioncooled
50°Cto70°Cambient,
Deratelinearly
Convectioncooled
to50%load
Relativehumidity:
Non-condensing
5-95%RH
Altitude:
Operating
10,000feetmax.
Non-operating
30,000feetmax.
Vibration:
(SeeNote7)
5-500Hz
2.5Grmspeak
Shock:
PerMIL-STD-810E
516.4PartIV
EMCCharacteristics(5)
Conductedemissions:
EN55022,FCCpart15
LevelB
Harmoniccurrentcorrection:
EN61000-3-2
Compliant
Voltageflicker:
EN61000-3-3
Compliant
ESDair:
EN61000-4-2
Level3
ESDcontact:
EN61000-4-2
Level3
Radiatedimmunity:
EN61000-4-3
Level3
Fasttransients:
EN61000-4-4
Level3
Surge:
EN61000-4-5
Level3
Conductedimmunity:
EN61000-4-6
Level3
GeneralSpecifications
Hold-uptime:
85Vac@50Hz
20ms@250W
Efficiency:
115Vac@250W
230Vac@250W
84%typ.
86%typ.
Isolationvoltage:
Input/output
Input/chassis
3000Vac
1500Vac
Safetyapprovals(seenote6):
UL/cULUL60950-1,VDEEN60950-1,CAN/CSA22.2No.60950-1
Weight:
650g(22oz)
MTBF(@25ºC):
TelcordiaSR-332
MIL-HDBK-217F
317,000hoursmin.
158,000hoursmin.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com