Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250 Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP250
Description  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 4 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.10.1.09_1
NLP250 Series
4 of 4
Connector and Mating Connector Types
Connector
Type
Mating Connector Type
J1
Molex09-65-2058(5273series)voidpins
2and4orequivalent
Molex09-50-8051orequivalentwithMolex08-52-0113or
equivalentcrimpterminals
J2
Molex22-23-2021(6373series)or
equivalent
Molex22-01-3027(2695series)orequivalentwithMolex
08-50-01113(2759series)orequivalentcrimpterminals
J3
Molexterminalblock387007504or
equivalent
Terminalblockcontains#6-32screwwithclamp
washersuitableforwiresize12-22awg(0.5-2.5mm2).
MaxTorquetp1.36Nm(12in.lb)
J4
Molex22-23-2091(6373series)or
equivalent
Molex22-01-3097(2695series)orequivalentwithMolex
08-50-0113(2759series)orequivalentcrimpterminals
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
250 LFM (1.25 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
125 W
75 W
12 V Free Air
24/48 V Free Air
All Models
Forced Air
DeratingCurve
OutputPower(Watts)
DeratingCurveWithCover
OutputPower(Watts)
Pin Connections
J1
Pin1
Ground/Earth
Pin2
Live
Pin3
Neutral
Pin Connections Continued
J2
Pin1
+12V
FanVoltage
Pin2
SGND
Return
J3
Pin1
Vo
+MainOutput
Pin2
Vo
+MainOutput
Pin3
RTN
MainReturn
Pin4
RTN
MainReturn
J4
Pin1
+S
+VoRemoteSense
Pin2
-S
VoRemoteSense
Pin3
LS
LoadShareSignal
Pin4
PS OFF RemoteON/OFFsignalNO
Pin5
PSON
RemoteON/OFFsignalNC
Pin6
SGND
Signal Common
Pin7
PWOK
PowerGood
Pin 8
5Vsb
Stand-byVoltage
Pin9
DCOK
DCPowerGoodSignal
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
DERATING CURVE Output Power (Watts)
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
87 W
125 W
75 W
24 V Free Air
12 V Free Air
All Models
Forced Air



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com