Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS505 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NTS505
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NTS505 Datasheet(HTML) 2 Page - Emerson Network Power

  NTS505 Datasheet HTML 1Page - Emerson Network Power NTS505 Datasheet HTML 2Page - Emerson Network Power NTS505 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 09.8.09_#87
NTS500 Series
 of 3
LogicControl
Powerfailure:
TTLlogicsignalgoeshigh100-500msecaftermainoutput.Itgoes
lowatleast4msecbeforelossofregulation
Remoteon/off:
Requiresanexternalcontactclosuretoinhibitoutputs
DCOK:
TTLlogicgoeshighaftertheoutputisinregulation.Itgoeslowwhen
thereislossofregulation.
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremote
senseconnected.Reverseconnectionprotected.
Operatingtemperature:
0°to50°Cambientderateeachoutputas2.5%perdegreefrom
50°to70°C.
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4;
-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to90%RH
Vibration:
Threeorthogonalaxes,sweepat
1oct/min,5min.dwellatfourmajorresonances
2Gpeak8Hzto500Hz,operational
EnvironmentalSpecifications
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak
Load1
Regulation2
Ripple
P/P (PARD)3
NTS503
12V
0A
16.6A
41.7A
47A
±2%
120mV
NTS505
24V
0A
8.3A
20.8A
23.4A
±2%
240mV
NTS506
18V
0A
11.1A
27.7A
30A
±2
180mV
NTS508
48V
0A
4.2A
10.4A
11.7A
±2%
480mV
1.Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2.At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactory
settings.
3.Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitor
atratedlinevoltageandloadranges.
4.12Vfanoutputcannotbeusedabove50°Cwithconvectioncooling.
PinAssignments
Connector
CN1
PIN1 Line
PIN3 Neutral
PIN5 Ground
SK7
PIN1 V1swp
PIN2 -RemoteSense
PIN3 +RemoteSense
PIN4 5VSB(standby)
PIN5 5VSBreturn
PIN6 +12V
PIN7 Common
PIN8 Inhibit
PIN9 DCpowergood(DCOK)
PIN10 PowerFail(POK)
SK8
PIN1 +12VFan
PIN2 Common
CN403
PIN1 5V_I2C
PIN2 Ground
PIN3 A2
PIN4 A0
PIN5 SVCC2_OR
PIN6 I2C_SDA
PIN7 I2C_SLC
PIN8 A1
PIN9 N/C
PIN10 +12V_RTN_CTRL
Adjustment Potentiometers
P1
+V1Outputadjust
Mating Connectors
SK4,5,6
Molex19141-0058
SK7 Control Molex90142-0010
signals
PINS:90119-2110
or
Amp:87977-3
PINS:87309-8
SK8
JSTPHR-2
Pins:SPH-002T-PO.5S
CN403
JSTPHDR-10VS
Pins:JST5PHD-002T-PO.5-L/Por
Landwin2050S1000
Pins:2053T011P
EmersonConnectorKit#70-841-024includesallof
theabove
Notes:
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±.02”.
3. Specificationsareatfactorysettings
4. Mountingmaximuminsertiondepthis0.12”.
5. Warranty:2year
6. Weight:3.016lb./1.18kg.
1
5
6
10
1
5
10
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com