Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS505 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NTS505
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NTS505 Datasheet(HTML) 1 Page - Emerson Network Power

  NTS505 Datasheet HTML 1Page - Emerson Network Power NTS505 Datasheet HTML 2Page - Emerson Network Power NTS505 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 09.8.09_#87
NTS500 Series
 of 3
Embedded Power for
Business-Critical Continuity
NTS500 Series
500 Watts
Special Features
• Activepowerfactorcorrection
• IECEN61000-3-2compliance
• Remotesense
• Powerfailandremoteinhibit
• Singlewirecurrentsharing
• Built-inEMIfilter
• Lowoutputripple
• 5Vstandby
• 12Vfanoutput
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• DCpowergood
• BuiltinOR-ingdiode/FET
• Optionalfancover(-CFsuffix)
• PMBuscompliant
• DigitalI2C interface
• 2yearwarranty
• POEisolationonNTS508
Total Power:
200-500Watts
Input Voltage:
85-264Vac
120-300Vdc
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
85-264Vac(widerange)
Frequency:
47-63Hz
Inrushcurrent:
50Amax.,coldstart@25°C
Efficiency:
85%typicalatfullload,nominalline
EMIfilter:
FCCClassBconductedandradiated;CISPR22ClassB
conductedandradiated;EN55022ClassBconductedand
radiated;VDE0878PT3ClassBconductedandradiated.
Safetygroundleakage
current:
<0.5mA@50/60Hz,264Vacinput
Output
Maximumpower:
200Wforconvection;500Wwith30CFMforcedair
Adjustmentrange:
±5%
Standbyoutput:
5V@1Aconvection,2Aforcedair,regulated,±5%
Fanoutput:
12V@1A,-5%,+7%,0.5Afor-CFversion
Hold-uptime:
20ms@500Wload,115VACnominallineatfactoryvoltagesetting
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverload
protected@115-130%abovepeakrating
Overvoltageprotection: 20-35%abovenominaloutput
TUV:
60950
cCSAus:
60950
NEMKO:
60950
CB:
Certificate & report
CE:
Mark(LVD)
•
•
•
•
•


Similar Part No. - NTS505

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS505 EMERSON-NETWORKPOWER-NTS505 Datasheet
457Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS505 ARTESYN-NTS505 Datasheet
929Kb / 5P
Active power factor correction
NTS505 ARTESYN-NTS505 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Emerson Network Power
NTS505-M EMERSON-NETWORKPOWER-NTS505-M Datasheet
1Mb / 3P
Active power factor correction
NTS505-M EMERSON-NETWORKPOWER-NTS505-M Datasheet
680Kb / 3P
Active power factor correction
More results

Similar Description - NTS505

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com