Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS505 Datasheet (PDF) - Artesyn Technologies

NTS505 Datasheet PDF - Artesyn Technologies
Part # NTS505
Download  NTS505 Download
File Size   929.76 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Active power factor correction

NTS505 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS505 Datasheet PDF - Artesyn Technologies

Part # NTS505
Download  NTS505 Click to download

File Size   929.76 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Active power factor correction

NTS505 Datasheet (HTML) - Artesyn Technologies


NTS505 Product details

NTS500 Series 500 Watts



Total Power: 200 - 500 Watts

Input Voltage: 85 - 264 Vac

               120 - 300 Vdc

# of Outputs: Single



SPECIAL FEATURES

■ Active power factor correction

■ IEC EN61000-3-2 compliance

■ Remote sense

■ Power fail and remote inhibit

■ Single wire current sharing

■ Built-in EMI flter

■ Low output ripple

■ 5 V standby

■ 12 V fan output

■ Overvoltage protection

■ Overload protection

■ Thermal overload protection

■ DC power good

■ Built in OR-ing diode/FET

■ Optional fan cover (-CF suffx)

■ Optional end fan cover (-CEF suffx)

■ PM Bus compliant

■ RoHS compliant

■ Digital I2C interface

■ Two year warranty

■ POE isolation on NTS508



 




Similar Part No. - NTS505

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS505 EMERSON-NETWORKPOWER-NTS505 Datasheet
457Kb / 3P
Active power factor correction
NTS505 EMERSON-NETWORKPOWER-NTS505 Datasheet
696Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS505 ARTESYN-NTS505 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Emerson Network Power
NTS505-M EMERSON-NETWORKPOWER-NTS505-M Datasheet
1Mb / 3P
Active power factor correction
NTS505-M EMERSON-NETWORKPOWER-NTS505-M Datasheet
680Kb / 3P
Active power factor correction
More results


Similar Description - NTS505

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com