Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4263 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # ASDL-4263
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4263 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  ASDL-4263 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4263 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4263 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4263 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASDL-4263
High Efficiency T-1 ¾ (5mm) Infrared (940nm) Lamp
Data Sheet
Description
ASDL-4263 is a Infrared emitter that is optimized for high
efficiency at emission wavelength of 940nm and narrow
viewing angle. This device is designed for high radiant
intensity and low forward voltage applications. It is en-
capsulated in T1-3/4 (5mm) package and is suitable for
high performance replacements of standard emitters.
Applications
• Smoke Detector
• IR Remote Control for Consumer Devices
• IR Remote Control for Industrial Equipment
• Photo-interrupters
• Reflective Applications
• Infrared Illuminator Security Camera
Ordering Information
Features
• T 1- ¾ Package
• 940nm Wavelength
• Narrow Viewing Angle
• High Brightness
• Low Forward Voltage
• Paired Device to ASDL-5770 and ASDL-5771
• Design for Smoke Detector & Fire Alarm Application
• Lead Free & ROHS Compliant
• Available in Tape & Reel
Part Number
Lead Form
Color
Packaging
Shipping Option
ASDL-4263-C22
ASDL-4263-C31
Straight
Clear
Tape & Reel
Bulk
2000pcs
8000pcs / Carton


Similar Part No. - ASDL-4263

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4263-C22 AVAGO-ASDL-4263-C22 Datasheet
131Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4263-C31 AVAGO-ASDL-4263-C31 Datasheet
131Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
More results

Similar Description - ASDL-4263

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com