Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4263 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # ASDL-4263
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4263 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  ASDL-4263 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4263 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4263 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4263 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Electrical / Optical Characteristics
(TA = 25°C Unless Otherwise Indicated)
Figure 1. Spectral Distribution
Figure 2. Forward Current Vs. Ambient Temperature
Figure 3. Forward Current Vs. Forward Voltage
Figure 4. Relative Radiant Intensity Vs. Ambient Temperature
Figure 5. Relative Radiant Intensity Vs. Forward Current
Figure 6. Radiation Diagram
0
0.5
1.0
1060
960
860
Wavelength (nm)
20
30
40
50
60
0
Ambient Temperature Ta ( C)
o
100
-40
0
-20
20
60
40
80
10
10
20
30
40
50
0
1.6
Forward Voltage (V)
1.2
0
2.8
2.4
2.0
Ambient Temperature Ta ( C)
-20
0.6
0.2
0
0.4
0.8
1.0
1.2
60
40
20
0
o
80
20
40
60
80
100
2.0
4.0
0
6.0
8.0
10.0
Foward Current (mA)
0
0.6
0.5
0.3
0.1
0.2
0.4
0
20
10
o
o
o
80
o
90
o
70
60
o
o
50
40
o
o
30
o
0.9
0.7
0.8
1.0
For company and product information, please go to our web site:
WWW.liteon.com or
http://optodatabook.liteon.com/databook/databook.aspx
Data subject to change. Copyright © 2007 Lite-On Technology Corporation. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com