Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801P-R-ST Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2801P-R-ST
Description  Multimode CATV Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2801P-R-ST Datasheet(HTML) 1 Page - Emcore Corporation

  2801P-R-ST Datasheet HTML 1Page - Emcore Corporation 2801P-R-ST Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Able to transmit up to 5 CATV
channels over one multimode fiber.
Supports transmission of sub-band,
low-band, FM, mid-band, and high-
band channels, adding flexibility to
the system.
Plug-and-play design assures easy
installation.
Ideal for small corporate TV video
distribution, campus media retrieval
systems, teleconferencing applications,
or as a return path transmitter for
larger video systems.
The most comprehensive product
of its type available in the industry.
Model 2801 PRO: Stand-alone Transmitter and Receiver
CATV
Model 2801PRO
Multimode CATV Transport
The
video link
provides a high-quality system for transferring five video
channels per multimode fiber with complete EMI immunity.
The use of state-of-the-art 1300 nm LEDs and PIN detectors
allows
Model
2801
PRO
to
operate
at
exceptional
performance
levels.
The
unit
offers
excellent
analog
bandwidth that ranges from 5 to 350 MHz, allowing
transmission of all sub-band, low-band, FM, mid-band, and
high-band channels. This system also offers excellent
performance at lower channel loadings. The Model 2801 PRO
provides an inexpensive option for transmitting high-quality
video, making it an obvious choice for video delivery services
using multimode fiber.
Model 2801 PRO 5 Channel CATV VSB/AM
2801 PRO
Transmitter
2801 PRO
Receiver
RF In (5-350 MHz)
RF Out
MM
Fiber
© Copyright 2007. EMCORE Corporation
2020 Kraft Drive, Suite 1000, Blacksburg, VA 24060
USA (800) 732-5252 • TEL (540) 961-1945 • FAX (540) 961-1900
www.forceinc.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.
2801P-T-1310-ST CATV TX
MULTIMODE, 1300 nm
10-300 MHz
orce
Optical Broadcast Systems
SERIAL NUMBER
2020 Kraft Drive, Suite 1000 • Blacksburg, VA 24060
http://www.forceinc.com • Made in USA
MANUFACTURED DATE
2801P-R-ST CATV RX
MULTIMODE, 1300 nm
10-300 MHz
2020 Kraft Drive, Suite 1000 • Blacksburg, VA 24060
http://www.forceinc.com • Made in USA
orce
Optical Broadcast Systems
SERIAL NUMBER
MANUFACTURED DATE


Similar Part No. - 2801P-R-ST

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2801P-R-ST EMCORE-2801P-R-ST Datasheet
235Kb / 2P
Multimode CATV VSB/AM
2801P-R-ST EMCORE-2801P-R-ST Datasheet
159Kb / 2P
2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
More results

Similar Description - 2801P-R-ST

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D301A HYNIX-GDC21D301A Datasheet
861Kb / 35P
Transport Decoder
logo
fujitsu semiconductor
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
SDH TRANSPORT
logo
MRV Communications, Inc...
EM316-2SFP MRV-EM316-2SFP Datasheet
154Kb / 2P
Optical Transport Solutions
logo
Emcore Corporation
OTP-1DVI2A1D1KM EMCORE-OTP-1DVI2A1D1KM Datasheet
98Kb / 2P
Media Transport
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_12 Datasheet
235Kb / 2P
Multimode CATV VSB/AM
2990PRO EMCORE-2990PRO Datasheet
78Kb / 2P
DBS L-Band Transport
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_13 Datasheet
159Kb / 2P
2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
logo
NXP Semiconductors
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
Store and transport requirements
Rev. 3.00-9 March 2015
logo
Maxim Integrated Produc...
DS33Z44DK MAXIM-DS33Z44DK Datasheet
4Mb / 59P
Ethernet Transport Design Kit
REV: 110106
DS33Z41DK MAXIM-DS33Z41DK Datasheet
2Mb / 44P
Ethernet Transport Design Kit
REV: 110106
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com