Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801P-R-ST Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2801P-R-ST
Description  Multimode CATV Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2801P-R-ST Datasheet(HTML) 2 Page - Emcore Corporation

  2801P-R-ST Datasheet HTML 1Page - Emcore Corporation 2801P-R-ST Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Min
Typ
Max
Units
Power Supply Voltage (Tx)
+9.0
+11.0
VDC
Power Supply Voltage (Rx)
+9.0
+11.0
VDC
Power Supply Current (Tx)
250
270
mA
Power Supply Current (Rx)
100
110
mA
Min
Typ
Max
Units
Weight
6
oz.
170
g
Physical Dimensions
3.75 x 2.95 x 1.12
in.
95 x 75 x 29
mm
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
Received Optical Power (dBm)
1 Channel
3 Channels
5 Channels
CSO = -70 dBc
CTB = -55 dBc
Optical Characteristics*
Min
Typ
Max
Units
Operating Wavelength
1290
1300
1330
nm
Lower Bandwidth
2
5
Mhz
Upper Bandwidth
350
400
Mhz
Optical Output Power
-8.0
-7.0
-6.0
dBm
Optical Loss Range
0
9
dB
Impedance
75
ohms
Carrier-to-Noise Ratio
See Graph Below
Min
Typ
Max
Units
Operating Temp. Range
+10
+45
°C
Storage Temp. Range
-20
+70
°C
Relative Humidity
10
95
%
Environmental Characteristics*
Electrical Characteristics*
Physical Characteristics*
*System performance specifications indicated for use with 62.5/125
µm multimode fiber.
See IOM2801 PRO for complete performance specifications.
Contact an Applications Engineer or visit our website for complete
specifications on rack-mounting and power supply options.
MM 5 Channel Tx and Rx P/N
2801 PRO Tx and Rx Options
Std.-alone Tx, , 1300 nm, ST
Std.-alone Rx, 1300 nm, ST
5 Channels
2801P-T-1310-ST
2801P-R-ST
Rack and P.S. P/N
3000UA-NN
3000UC-NN
3000CB-NN
3000A-NN-1
Accessory Options
Tx Stand-alone P.S.
+9 Volts DC
Rx Stand-alone P.S.
+9 Volts DC
3RU Rack Chassis
3RU Adapter Card
3RU P.S., Universal AC
3RU P.S., -48 Volts DC
Rack Accessories
Power Supplies
PS090-1
PS090-1
Specifications and Ordering Information
Specifications and Ordering Information
Rev. 3.0, 3/20/07
2020 Kraft Drive, Suite 1000, Blacksburg, VA 24060
USA (800) 732-5252 • TEL (540) 961-1945 • FAX (540) 961-1900
• www.emcore.com
www.forceinc.com
© Copyright 2007. EMCORE Corporation
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.
2801P-T-1310-ST CATV TX
MULTIMODE, 1300 nm
10-300 MHz
orce
Optical Broadcast Systems
SERIAL NUMBER
2020 Kraft Drive, Suite 1000 • Blacksburg, VA 24060
http://www.forceinc.com • Made in USA
MANUFACTURED DATE
2801P-R-ST CATV RX
MULTIMODE, 1300 nm
10-300 MHz
2020 Kraft Drive, Suite 1000 • Blacksburg, VA 24060
http://www.forceinc.com • Made in USA
orce
Optical Broadcast Systems
SERIAL NUMBER
MANUFACTURED DATE
Model 2801 PRO Transmitter & Receiver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com