Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACK3000 Datasheet(PDF) 1 Page - Emcore Corporation

Part # RACK3000
Description  Integrated Microwave Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

RACK3000 Datasheet(HTML) 1 Page - Emcore Corporation

  RACK3000 Datasheet HTML 1Page - Emcore Corporation RACK3000 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET – MAY 2008
Applications
Microwave Test Cell Antenna
Signal Remoting
Microwave Data Links
Broadband Delay-Line and
Signal Processing Systems
Frequency Distribution Systems
Features
Integrated externally modulated
transmitter
0.05 – 18 GHz bandwidth
High dynamic range
1 RU rack mount package
Front panel RF and optical
connections
Integrated Microwave Transmitter
RACK3000
0.05 – 18 GHz, 1550 nm Externally Modulated Transmitter
The Emcore RACK2501 is an integrated, 1 RU high-performance
transmitter with guaranteed performance over the 0.05 – 18 GHz
frequency band.
It incorporates a high dynamic range externally
modulated transmitter and provides +6 dBm minimum of optical output
power.
The unit can be used to construct transparent optical links for
microwave test cell antenna remoting, microwave signal distribution,
microwave delay lines, point-to-point data links and other applications
where it is necessary to transport RF and microwave signals over long
distances without signal degradation.
The unit operates at a nominal optical wavelength of 1550 nm.
Specifications
Electrical
RF Connectors
SMA (female, 50
Ω)
Frequency Range
0.05 to 18 GHz
TX RF Input Power
+25 dBm, max
Input IP3 at 18 GHz
+28 dBm, typical
Input P1dB at 18 GHz
+25 dBm, typical
Noise Figure
49 dB, typical
Optical
Wavelength
1550
± 6 nm
Connectors
SC/APC
TX Optical Output Power
+6 to +8 dBm
Optical Power Stability
<
± 0.5 dBm over temperature and time
Physical
Configuration
Self Contained 1 RU Housing, 19” Rack
Dimensions
1.75” H x 17” W x 14” D
Operating/Storage Temperature 0
°C to +50°C
Power Requirements
110 VAC @ 50W
Interface and Control
Front Panel Indicators
Power, Link Status LED
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com


Similar Part No. - RACK3000

ManufacturerPart #DatasheetDescription
logo
Beaverswood
RACK ARMOUR BEAVERSWOOD-RACK ARMOUR Datasheet
655Kb / 1P
The Original Upright Protector
May 2024
logo
IEI Integration Corp.
RACK-1150GB-PE-R11 IEI-RACK-1150GB-PE-R11 Datasheet
324Kb / 1P
2-slot backplane with one PCIe slot
logo
Hammond Manufacturing L...
RACK1100 HAMMOND-RACK1100 Datasheet
59Kb / 2P
Refroidisseurs deau
logo
Emcore Corporation
RACK1122 EMCORE-RACK1122 Datasheet
297Kb / 2P
Integrated Microwave Transceiver
logo
Hammond Manufacturing L...
RACK1700 HAMMOND-RACK1700 Datasheet
59Kb / 2P
Refroidisseurs deau
More results

Similar Description - RACK3000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CLB09B5750K1000TC1 MURATA-CLB09B5750K1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09B5820K1000TC1 MURATA-CLB09B5820K1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09F9221M1000TC1 MURATA-CLB09F9221M1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09F9271M1000TC1 MURATA-CLB09F9271M1000TC1 Datasheet
163Kb / 2P
Microwave Integrated Circuits
CLB09F9331M1000TC1 MURATA-CLB09F9331M1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09F9391M1000TC1 MURATA-CLB09F9391M1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09W1431Z1000TC1 MURATA-CLB09W1431Z1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB096U3R6K1000TC1 MURATA-CLB096U3R6K1000TC1 Datasheet
163Kb / 2P
Microwave Integrated Circuits
CLB0A5C0R1B1000TC1 MURATA-CLB0A5C0R1B1000TC1 Datasheet
160Kb / 2P
Microwave Integrated Circuits
CLB0A6U0R3B1000TC1 MURATA-CLB0A6U0R3B1000TC1 Datasheet
160Kb / 2P
Microwave Integrated Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com