Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACK3000 Datasheet(PDF) 2 Page - Emcore Corporation

Part # RACK3000
Description  Integrated Microwave Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

RACK3000 Datasheet(HTML) 2 Page - Emcore Corporation

  RACK3000 Datasheet HTML 1Page - Emcore Corporation RACK3000 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET – MAY 2008
RACK3000
For more information on this and other products:
Contact Sales at Emcore 626-293-3400 or visit www.emcore.com
© Copyright 2008, Emcore Corporation
EMCORE
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Optical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Wavelength
λ
-
1530
1550
1565
nm
Optical Output Power
PL
-
6
7
8
dBm
Connector Return Loss
-
-
60
--
--
dB
Optical Connector Type
FC/APC
Note: In order to prevent reflection-induced distortion degradation, the laser should be connected to an optical cable having a return loss of at least 55 dB
for discrete reflections and 30 dB for distributed reflections.
RF Characteristics
Parameter
Condition
Min
Typ
Max
Unit
RF Input Impedance
-
50
-
Ω
RF Return Loss
9.5
15
dB
2
nd Harmonic Suppression
RF input 0 dBm
-60
-45
dBc
1 dB Compression Point
+25
dBm
RF Connector
SMA (Female) Type
Link Performance (Measured with 0 dBm TX RF Input and 0 dBm Optical Receiver Input)
Parameter
Symbol
Condition
Typ
Unit
Link Gain
G
@ 10 GHz
-42
dB
Gain Variation
50 MHz to 18 GHz
7
dB
Input IP3
IIP3
@10 GHz
+28
dBm
Noise Figure
NF
@ 10 GHz
49
dB
Spurious Free Dynamic Range
SFDR
@ 10 GHz
98
dB/Hz
2/3
Ordering Information
RACK3000
Laser Safety
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All transmitter versions are Class IIIB laser products per CDRH, 21 CFR 2040 Laser
Safety requirements. All versions are Class 3B laser products per IEC*60825-1:1993.
Maximum Power = 8 dBm
Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous
laser radiation exposure.
*IEC is a registered trademark of the International Electrotechnical Commission.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com