Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65686 Datasheet(PDF) 2 Page - EPCOS

Part # B65686
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65686 Datasheet(HTML) 2 Page - EPCOS

  B65686 Datasheet HTML 1Page - EPCOS B65686 Datasheet HTML 2Page - EPCOS B65686 Datasheet HTML 3Page - EPCOS B65686 Datasheet HTML 4Page - EPCOS B65686 Datasheet HTML 5Page - EPCOS B65686 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 61247
■ Particularly suitable for power transformers
and energy storage chokes
■ Delivery mode: sets
Magnetic characteristics (per set)
Σl/A = 0.162 mm–1
le
= 128 mm
Ae
= 790 mm2
Amin = 630 mm2
Ve
= 101000 mm3
Approx. weight 460 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code
N27
315
±3%
3.80
41
B65686A0315A027
630
±3%
1.50
81
B65686A0630A027
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N27
10000 +30/–20% 1290
< 7.5 (150 mT, 25 kHz, 100
°C) B65686A0000R027
N87
10000 +30/–20% 1290
< 9.6 (100 mT, 100 kHz, 100
°C) B65686A0000R087
B65686
Core
PM 74/59



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com