Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65686 Datasheet(PDF) 3 Page - EPCOS

Part # B65686
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65686 Datasheet(HTML) 3 Page - EPCOS

  B65686 Datasheet HTML 1Page - EPCOS B65686 Datasheet HTML 2Page - EPCOS B65686 Datasheet HTML 3Page - EPCOS B65686 Datasheet HTML 4Page - EPCOS B65686 Datasheet HTML 5Page - EPCOS B65686 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Valox 420-SE0® [E45329 (M)], GE PLASTICS B V
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3.5 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Also available without solder pins.
Sections
AN
mm2
lN
mm
AR value
µΩ
Solder
pins
Ordering code
1
442
140
10.9
18
B65687A1018T001
1
442
140
10.9
—
B65687A1000T001
FPM0021-C
2,54
18
10
66,04
1
9
ø1,6+0,15
85,5 max.
29,7+0,3
ø33 max.
1,2 x 0,6
Marking of solder pin 1
Hole arrangement view
in mounting direction
ø3,5+0,2
Hole arrangement
View in mounting direction
B65687
Accessories
PM 74/59



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com