Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N49 Datasheet(PDF) 4 Page - EPCOS

Part # N49
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N49 Datasheet(HTML) 4 Page - EPCOS

  N49 Datasheet HTML 1Page - EPCOS N49 Datasheet HTML 2Page - EPCOS N49 Datasheet HTML 3Page - EPCOS N49 Datasheet HTML 4Page - EPCOS N49 Datasheet HTML 5Page - EPCOS N49 Datasheet HTML 6Page - EPCOS N49 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 25 °C)
FAL0589-W
H
0
B
-200 0
200 400 600 800 1000 A/m 1400
mT
100
200
300
400
600
DC magnetic bias
measured on ETD cores
(B
≤0.25 mT, f = 10 kHz, T = 25 °C)
FAL0591-8
µrev
10
10 0
5
5
5
5
10 1
10 2
10 4
10 0
10 1
10 2
10 4
µ e = 900
1
_
500
200
100
50
A/m
DC
H
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 100 °C)
FAL0590-Z
H
0
B
-200 0
200 400 600 800 1000 A/m 1400
mT
100
200
300
400
600
DC magnetic bias
measured on ETD cores
(B
≤0.25 mT, f = 10 kHz, T = 100 °C)
FAL0592-G
µrev
10
10 0
5
5
5
5
10 1
10 2
10 4
10 0
10 1
10 2
10 4
µ e = 1000
1
_
500
200
100
50
A/m
DC
H
N49
SIFERRIT materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com