Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N49 Datasheet(PDF) 5 Page - EPCOS

Part # N49
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N49 Datasheet(HTML) 5 Page - EPCOS

  N49 Datasheet HTML 1Page - EPCOS N49 Datasheet HTML 2Page - EPCOS N49 Datasheet HTML 3Page - EPCOS N49 Datasheet HTML 4Page - EPCOS N49 Datasheet HTML 5Page - EPCOS N49 Datasheet HTML 6Page - EPCOS N49 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Relative core losses
versus AC field flux density
(measured on R34 toroids)
V
P
m
kW
3
= 500 kHz
f
80 ˚C
B
25 ˚C
FAL0593-P
0
10
1
10
2
10
3
10
1
10
2
10
3
10
mT
100 ˚C
Relative core losses
versus frequency
(measured on R34 toroids)
FAL0595-6
PV
kW
10
f
m 3
0
10
1
10
2
10
3
10
4
10
10 1
5
kHz
80 ˚C
100 ˚C
1
_
10 23
10
25 ˚C
12,5 mT
25 mT
50 mT
100 mT
200 mT
300 mT
Relative core losses
versus temperature
(measured on R34 toroids)
FAL0594-X
f
5
1
20
5
5
10
2
10
3
10
4
10
kW/m
T
PV
40
60
80
100 ˚C 120
3
= 500 kHz
100 mT
50 mT
25 mT
10 0
12,5 mT
N49
SIFERRIT materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com