Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202A Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
ST2202A
Ver 2.5
45/75
9/16/2008
16.4.7 LCD Frame Rate Adjust Register
The LCD frame rate adjust register (LFRA) specifies the
extended time of each scan line. Thus the frame rate slows
down to be the desired value.
Note: LFRA must be a number greater than 4.
The adjusted frame rate for 1- and 4-bit modes can be
found in the following equations
1-bit Mode
LYMAX
LFRA
LXMAX
LCDCK
Rate
Frame
⋅
+
+
⋅
=
)
5
.
1
(
16
Equation14-1
4-bit Mode
LYMAX
LFRA
LXMAX
LCDCK
Rate
Frame
⋅
+
+
⋅
=
)
5
.
1
(
4
Equation14-2
16.4.8 LCD Frame Rate Adjust Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$049
LFRA
W
-
-
FRA[5]
FRA[4]
FRA[3]
FRA[2]
FRA[1]
FRA[0]
- -00 0000
Bit 5~0:
LFRA[5:0] : Extended time of each scan line
16.4.9 LCD AC Signal Rate Register
The LCD alternating signal rate register (LAC) specifies the time of horizontal lines the alternating signal toggles.
TABLE 16-8 LCD AC Signal Rate Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$04A
LAC
R/W
-
-
-
AC[4]
AC[3]
AC[2]
AC[1]
AC[0]
- - -0 0000
Bit 2~0:
AC[4:0] : Time of horizontal lines the AC signal toggles
AC[4:0]
AC signal
00000
Every frame
00001
Every 3 lines
00010
Every 5 lines
00011
Every 7 lines
:
:
11101
Every 59 lines
11110
Every 61 lines
11111
Every 63 lines
16.4.10 LCD PWM Contrast Control Register
The ST2202 achieves contrast control function by outputting a PWM signal from BLANK . The duty ratio of PWM signal, also
is the contrast level, is controlled by LPWM[5:0] with 64 steps.
TABLE 16-9 LCD PWM Contrast Control Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$04B
LPWM
R/W
-
-
LPWM[5] LPWM[4] LPWM[3] LPWM[2] LPWM[1] LPWM[0] - - 00 0000
Bit 5~0: LPWM[5~0] : LCD contrast control
LPWM[5:0]
Contrast Level
00000
64 (maximum)
00001
63
00010
62
:
:
11101
3
11110
2
11111
1 (minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com