Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202A Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
ST2202A
Ver 2.5
21/75
9/16/2008
1
11
1.. C
CL
LO
OC
CK
K G
GE
EN
NE
ER
RA
AT
TO
OR
R
The ST2202 has two oscillators OSC and OSCX for both
high and low frequency needed. When oscillator mode
selection pin, XMD, is inputted high level, the high
frequency oscillator OSC adopts only one external resistor
to generate a high frequency clock OSCK which is used by
almost every block in chip. OSC can also change to be a
resonator/crystal oscillator by input low level to XMD.
The low frequency oscillator OSCX needs a 32768Hz
crystal and one capacitor to generator a precise frequency
CLK32 for Base timer, Timer1 and the reference clock of
baud rate generator (BGR).
Other clocks are sourced from either OSCK or CLK32 and
are listed below:
System clock:
SYSCK
LCD controller clock:
LCDCK
PSG and PWM DAC clock: PSGCK
BGR output clock:
BGRCK
SPI transmission clock:
SPICK
SYSCK
The system clock can be switched between OSCK and
CLK32 by resetting or setting XSEL (SYS[7]). After XSEL is
set (or reset), warm-up cycles will be initiated at the same
time. The original clock is still connected until the end of
warm-up cycles. Clock being used can be reported by
reading XSEL back.
Note: Test XSEL to confirm SYSCK is switched
over successfully before turning down the
original clock.
There are two options for warm-up cycles: 16 / 256 cycles,
which are controlled by WSKP (SYS[3]). Usually 16 cycles
are enough for OSC and OSCX.
LCDCK
The LCD controller has one four-bit divider to generate
LCDCK directly from OSCK for pixel clock and other
operations. This divider is controlled by LCKR[3:0] and the
data mode selection bit LMOD(LCKR[4]). Refer to TABLE
11-3 for settings of LCDCK.
PSGCK
PSGCK is the clock used by PSG and PWM DAC. It is
sourced from OSCK to make sure of one right and high
enough base frequency and to keep it unchanged. Bits of
PSGC[6:4] control the options of PSGCK. Refer to TABLE
11-4 for these options.
BGRCK
The ST2202 equips a baud rate generator (BGR), which is
controlled by BGR control register BCTR, locked frequency
selection register BRS, and divider control register BDIV.
The BGR utilizes digital PLL technique to lock a high
frequency
HIGH
F
around OSCK/2. This high frequency is
further scaled down via an integer divider to a desired
frequency BGRCK. The BGR uses CLK32 as reference
clock for the modulation of OSCK. There are two
modulation modes which can be selected by BMOD
(BCTR[1]). The modulation strength is also controllable by
setting or resetting BSTR (BCTR[2]).
The relation between locked frequency and BRS can be
found in the following equation.
BRS
⋅
=
32
CLK
FHIGH
Equation9-1
OSCK and
HIGH
F
are close related. Value of
HIGH
F
limits
the frequency range of the OSCK applied, which is also the
locking range of BGR, and is given by the following
equation, where α is the modulation strength coefficient.
1
F
2
OSCK
1
F
HIGH
HIGH
−
⋅
≤
≤
+
⋅
α
α
α
α
Equation9-2
Although the locked frequency is limited to be around
OSCK, lower frequency can still be obtained by one 8-bit
integer divider, which is assigned by BDIV. Thus BGRCK
can be expressed by Equation9-3.
BDIV
HIGH
F
BGRCK =
Equation9-3
SPICK
The SPI block has one three-bit divider to generate SPICK
directly from OSCK for transmission and other operations.
This divider is controlled by SCKR[6:4]. Refer to TABLE
11-7 for settings of SPICK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com