Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2204 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ST2204
Ver 0.6
17/24
2008/11/10
1
14
4.. U
UN
NIIV
VE
ER
RS
SA
AL
L A
AS
SY
YN
NC
CH
HR
RO
ON
NO
OU
US
S R
RE
EC
CE
EIIV
VE
ER
R//T
TR
RA
AN
NS
SM
MIIT
TT
TE
ER
R
The ST2204 integrates one universal asynchronous
receiver/transmitter (UART), which can be used to
communicate with external serial devices. Serial data is
transmitted and received at standard bit rates using the
internal baud rate generator (BGR), which is controlled by
BGR control register BCTR. FIGURE 14-1 shows the block
diagram of UART.
CPU Interface
Baud Rate
Generator
Transmitter
Receiver
TXD0
RXD0
Serial
Interface
IrDA
Interface
TXD1
RXD1
FIGURE 14-1 UART Block Diagram
14.2 UART Operations
The UART has two modes of operation, NRZ and IrDA,
which represent data in different ways for serial
communication protocols, RS-232 and IrDA.
14.2.1 NRZ mode
The non-return to zero (NRZ) mode is primarily associated
with RS-232. Each character is transmitted as a frame
delimited by a start bit at the beginning and a stop bit at the
end. Data bits are transmitted least significant bit (LSB) first,
and each bit occupies a period of time equal to 1 full bit. If
parity is used, the parity bit is transmitted after the most
significant bit. Data settings including data length, stop bit
number and parity are controlled by bit fields in UCTR.
FIGURE 14-2 illustrates a character “S” in NRZ mode.
FIGURE 14-2 NRZ ASCII “S” with Odd Parity
14.2.2 IrDA mode
IrDA mode uses character frames as NRZ mode does, but,
instead of driving ones and zeros for a full bit-time period,
zeros are transmitted as three-sixteenth (or less) bit-time
pulses (which is selected by PW[1:0] (IRCTR[2:1]), and
ones remain low. The polarity of transmitted pulses and
expected receive pulses can be inverted so that a direct
connection can be made to external IrDA transceiver
modules that use active low pulses. This is controlled by
RXINV
and TXINV (IRCTR[7:6]). IrDA mode is enabled by
control bit IREN (IRCTR[0]). FIGURE 14-3 illustrates a
character “S’ in IrDA mode.
FIGURE 14-3 IrDA ASCII “S” with Odd Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com