Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2204 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 24Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ST2204
Ver 0.6
21/24
2008/11/10
2
21
1.. A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
N C
CIIR
RC
CU
UIIT
TS
S
Note: 1. Connect one capacitor of 100pF to OSCI to stabilize the oscillation frequency.
This capacitor must be close to OSCI
2. In case of Low Voltage Reset code option is not selected, the Low Voltage
Reset function can still work by connecting LVR /ICE1 to RESET .
Remove this connection when this code option is selected.
3. The OSCX can still work if remove CX1 and increase CX2 to 47pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com