Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3003 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST3003
Description  Speech Decoder/Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3003 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST3003 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ST3003
Ver 0.8
5/11
2007-06-12
4
4.. E
EL
LE
EC
CT
TR
RIIC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
4.1 Absolute Maximum Rations
DC Supply Voltage: VDD33 ----------------
-0.3V to +4.5V
Operating Ambient Temperature ---------
-10
°C to +60°C
Storage Temperature ------------------------ -10
°C to +125°C
4.2 DC Electrical Characteristics
Standard operation conditions: VDD33 = 3.3V, GND = 0V, TA = 25°C, unless otherwise specified
Table 4-1 DC Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDD33
3.0
3.6
V
Operating Voltage
VDD25
2.25
2.5
2.7
V
Operating Current
IOP1
30
mA
Run at 24MHz without speaker
Power Down Current
IPD
3
4.5
mA
Output driving
Iod
16
mA
Output sinking
Ios
26
mA
Input low voltage
VIL
0.6
V
Input high voltage
VIH
1.3
V
Pull-up resistor
RPU
54
KΩ
Pull-down resistor
RPD
50
KΩ
Low Voltage Reset Level
VLVR
2.4
2.5
2.6
V
*Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. All the
ranges are stress ratings only. Functional operation of this
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied or
intended. Exposed to the absolute maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com