Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3003 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST3003
Description  Speech Decoder/Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3003 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST3003 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3003 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ST
ST3003
Speech Decoder/Encoder
Notice: Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice. This is not a final specification.
Some parameters are subject to change.
Ver 0.8
1
/11
2007-06-12
1
1.. F
FE
EA
AT
TU
UR
RE
ES
S
n
DSP based voice/audio processor
n
Operation voltage
– Core logic: 2.25V~2.7V
– I/O pads: 3.0V~3.6V
n
Voltage regulator for core logic
n
Low Voltage Reset (LVR)
_ 2.5V low voltage reset
n
One PLL to generate high system frequency from a
4MHz source
_ 12M~28MHz PLL output
n
Tow clock sources
_ Crystal...........................................................4MHz
_ External input...…………………………… ......4MHz
n
Low power down current
_Typical current: 3uA
n
One 16-bit programmable Timer
n
One clocking output
n
One external interrupt
_ Edge/level trigger supported
n
One 14-bit direct-drive DAC
– Maximum current: 145mA
n
MCU interfaces
_ Serial mode
_ Parallel mode
n
Two Serial PORT interfaces(SP)
_ Programmable data length from 8-bit to 16-bit
_ I2S, Left/Right Justified interfaces to external DAC/ADC
n
Speech playback/recorder
_ Low Bit Rate Compression (LBRC)
_ 1.2K/1.6K/2.4Kbps@8KHz playback
_ 1.6K/2.2K/3.3Kbps@11.025KHz playback
_ High Bit Rate Compression (HBRC)
_ 12K/16K/24Kbps@8KHz playback
_ 16.5K/22K/33Kbps@11.025KHz playback
_ 24K/32K/48Kbps@16KHz playback
_ 12k/16k/24kbps@8KHz encoder
_ PCM playback
_ TTS
_ Time stretch (half~double speed)
2
2.. G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The ST3003 is a highly integrated and cost-effective DSP
based audio processor for various consumer applications. It
consists of one powerful DSP for advanced voice decoder and
encoder algorithms of natural speech with less memory. It
provides low bit rate compression (LBRC) for voice playback
and high bit rate compression (HBRC) for audio or better voice
quality. Both LBRC and HBRC can playback simultaneously.
For encoder, it has capability to compress PCM raw data from
MCU and send back encoded data to MCU. TTS algorithm is
also available for various voice applications. ST3003 can adjust
playback frequency (half~double speed) without pitch shifting.
System clock comes from 4MHz crystal or external input.
ST3003 has 32 I/Os and these can be either GPIO or
functional pins. Each pin can be programmed to input or output.
One external interrupt pin can be requested by external
devices.
One internal 14bit DAC can provide significant volume
equipping with internal amplifier. For particular application or
recorder, two general audio interfaces are supported to
interface with external DAC/ADC. Audio interface can be
configured to I2S or Left/Right Justified compatible mode.
There are serial and parallel interfaces for various connections
with different MCUs.


Similar Part No. - ST3003

ManufacturerPart #DatasheetDescription
logo
Pro-Power
ST300 PROPOWER-ST300 Datasheet
104Kb / 1P
Ladder Ties
V1.0 04/03/14
ST300/7B PROPOWER-ST300/7B Datasheet
104Kb / 1P
Ladder Ties
V1.0 04/03/14
logo
KOA Speer Electronics, ...
ST3000 KOA-ST3000 Datasheet
115Kb / 4P
thermal sensors
logo
Littelfuse
ST30002B LITTELFUSE-ST30002B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST30003B LITTELFUSE-ST30003B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
More results

Similar Description - ST3003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
PROGRAMMABLE ENCODER/DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
Infrared Encoder/Decoder
2007
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Sitronix Technology Co....
ST3004 SITRONIX-ST3004 Datasheet
421Kb / 11P
Speech Decoder/Encoder
ST3005 SITRONIX-ST3005 Datasheet
419Kb / 11P
Speech Decoder/Encoder
ST3006 SITRONIX-ST3006 Datasheet
421Kb / 11P
Speech Decoder/Encoder
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
Audio Decoder/Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com