Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7532 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7532
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7532 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7532 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
ST7532
Ver 1.8
43/85
2006/9/18
PB2 is to change RGB arrangement of the segment output according to RGB arrangement on the LCD panel. This
command will set the writing position of data {R= (D7, D6, D5), G= (D4, D3, D2), B= (D1, D0)} on the display memory to
be changed or not.
CLR
Line
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
…
SEG254
0
0, 3, 6, …
1, 4, 7, …
2, 5, 8, …
R
B
G
G
R
B
B
G
R
G
R
B
R
B
G
G
R
B
B
G
R
G
R
B
…
…
…
B
G
R
1
0, 3, 6, …
1, 4, 7, …
2, 5, 8, …
B
G
R
G
R
B
R
B
G
G
R
B
R
B
G
G
R
B
R
B
G
G
R
B
…
…
…
R
B
G
PB3 is to select desired display colors between the 32 gray-scale dithered 65K, 262K, or 16M.
GS2
GS1
GS0
Numbers of gray-scale
0
0
1
32 gray-scale 65K
0
1
0
32 gray-scale 262K
1
0
0
32 gray-scale 16M
(12) Memory write (RAMWR) - Parameter Byte: Numbers of data written (5CH)
This command turns on the data entry mode when MPU writes data to the display memory. This command will always sets
the line and column address at the start address while executed. The following parameter byte rewrites contents of the
display data RAM and increases the line or column address automatically. The write mode is automatically cancelled if any
other command is entered.
1. 8-bit bus
A0
RD RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
1
0
1
1
1
0
0
-
Parameter Byte 1 (PB1)
1
1
0
Data to be written
Data to be written
2. 16-bit bus
A0 RD RW D15 D14 …
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Function
Command
0
1
0
*
*
…
*
*
0
1
0
1
1
1
0
0
Memory write
Parameter Byte 1 (PB1)
1
1
0
Data to be written
Write date
(13) Partial in (PTLIN) - Parameter Byte: 2 (A8H)
This command is to specify the partial display area. It will turn on partial display of the screen (dividing screen by lines) to
save power. Since ST7532 processes the liquid crystal display signal on 4-line basis (block basis), the display and
no-display areas are also specified on 4-bit line (block basis).
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
1
0
1
0
1
0
0
0
--
Parameter Byte 1 (PB1)
1
1
0
*
*
PTS5 PTS4 PTS3 PTS2 PTS1 PTS0 Start block address
Parameter Byte 2 (PB2)
1
1
0
*
*
PTE5 PTE4 PTE3 PTE2 PTE1 PTE0 End block address
Only the address of the display block can be specified for the partial display. Do not specify an address not to be displayed
when scrolled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com