Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7532 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7532
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7532 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7532 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
ST7532
Ver 1.8
71/85
2006/9/18
SERIAL INTERFACE (4-Line Interface)
tCSH
XCS
A0
SI
SCL
tCCSS
tSAS
tSAH
tSCYC
tSLW
tSHW
tSDH
tSDS
tf
tr
Fig 41.
(VDD = 3.3V , Ta = –30 to 85°C,Die)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
-
1 0 0
-
SCL “H” pulse width
tSHW
-
5 0
-
SCL “L” pulse width
SCL
tSLW
-
5 0
-
Address setup time
tSAS
-
4 0
-
Address hold time
A0
tSAH
-
3 0
-
Data setup time
tSDS
-
3 0
-
Data hold time
SI
tSDH
-
3 0
-
CS-SCL time
tCSS
-
2 0
-
CS-SCL time
XCS
tCSH
-
5 0
-
ns
(VDD = 2.7V , Ta = –30 to 85°C,Die)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
-
11 0
-
SCL “H” pulse width
tSHW
-
6 0
-
SCL “L” pulse width
SCL
tSLW
-
5 0
-
Address setup time
tSAS
-
5 0
-
Address hold time
A0
tSAH
-
4 0
-
Data setup time
tSDS
-
4 0
-
Data hold time
SI
tSDH
-
4 0
-
CS-SCL time
tCSS
-
3 0
-
CS-SCL time
XCS
tCSH
-
6 0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com