Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7541 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7541
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
ST7541
Ver 1.9
17/78
2007/9/3
[ START AND STOP CONDITIONS ]
When the bus is not busy, both SDA and SCL lines remain HIGH. A HIGH-to-LOW transition of SDA, while SCL is HIGH is
defined as the START condition (S). A LOW-to-HIGH transition of SDA while SCL is HIGH is defined as the STOP condition
(P). The START and STOP conditions are illustrated in Figure 4.
[ SYSTEM CONFIGURATION ]
The system configuration is illustrated in Figure 5 and some word-definitions are explained below:
l
Transmitter: the device, which sends the data to the bus.
l
Receiver: the device, which receives the data from the bus.
l
Master: the device, which initiates a transfer, generates clock signals and terminates a transfer.
l
Slave: the device addressed by a master.
l
Multi-Master: more than one master can attempt to control the bus at the same time without corrupting the message.
l
Arbitration: the procedure to ensure that, if more than one master tries to control the bus simultaneously, only one is
allowed to do so and the message is not corrupted.
l
Synchronization: procedure to synchronize the clock signals of two or more devices.
[ ACKNOWLEDGE ]
Each byte of eight bits is followed by an acknowledge bit. The acknowledge bit is a HIGH signal put on SDA by the
transmitter during the time when the master generates an extra acknowledge-related clock pulse. A slave receiver which is
addressed must generate an acknowledge-bit, after the reception of each byte. The device that acknowledges must
pull-down the SDA line during the acknowledge-clock pulse, so that the SDA line is stable LOW during the HIGH period of the
acknowledge-related clock pulse (set-up and hold times must be taken into consideration). Acknowledgement on the IIC
Interface is illustrated in Figure 6.
Figure 5. System configuration
Figure 4. Definition of START and STOP conditions
Figure 6. Acknowledgement on the 2-line Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com