Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565V Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7565V
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565V Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7565V Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
ST7565V
Ver 1.5b
21/72
2009/09/14
Pin Name
I/O
Function
No. of Pins
CLS
I
Terminal to select whether or enable or disable the display clock internal oscillator
circuit.
CLS = “H” : used Internal oscillator circuit .
CLS = “L” : used external clock input .(internal oscillator is disable)
When CLS = “L”, input the display clock through the CL terminal.
1
M/S
I
This terminal selects the master/slave operation for the ST7565V Series chips.
Master operation outputs the timing signals that are required for the LCD display, while slave
operation input the timing signals required for the liquid crystal display,
Synchronizing the liquid crystal display system.
M/S = “H” Master operation
M/S = “L” Slave operation
M/S CLS
Oscillator
Circuit
Power
Supply
Circuit
CL
FR
DOF
“H”
“H”
“L”
Enabled
Disabled
Enabled
Enabled
Output
Input
Output
Output
Output
Output
“L”
“H”
“L”
Disabled
Disabled
Disabled
Disabled
Input
Input
Input
Input
Input
Input
1
CL
I/O
This is the display clock input terminal
The following is true depending on the M/S and CLS status.
M/S
CLS
CL
“H”
“H”
“L”
Output
Input
“L”
“H”
“L”
Input
Input
1
FR
O
This is the liquid crystal alternating current signal terminal.
1
/DOF
O
This is the LCD blanking control terminal.
1
IRS
I
This terminal selects the resistors for the V5 voltage level adjustment.
IRS = “H”: Use the internal resistors
IRS = “L”: Do not use the internal resistors. The V5 voltage level is
regulated by an external resistive voltage divider attached to the VR terminal
1
/HPM
I
This is the power control terminal for the power supply circuit for liquid crystal drive.
/HPM = “H”: Normal mode
/HPM = “L”: High power mode
1
SEL3
SEL2
SEL1
I
These pins are DUTY selection.
SEL 3 , 2 , 1
DUTY
BIAS
0 , 0 , 0
1/65
1/9 or 1/7
0 , 0 , 1
1/49
1/8 or 1/6
0 , 1 , 0
1/33
1/6 or 1/5
0 , 1 , 1
1/55
1/8 or 1/6
1 , 0 , 0
1/53
1/8 or 1/6
1, X , X
-----
-----
3
TEST0 ~ 6
I
These are terminals for IC testing.
They are set to open.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com