Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7585 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ST7585
Ver 1.0c
21/51
2009/04/14
8. RESET CIRCUIT
Setting RESB to
“L” can initialize internal function. While RESB is “L”, no instruction can be accepted. RESB pin must
connect to the reset pin of MPU and initialization by RESB pin is essential before operating.
When RESB becomes
“L”, the following procedures will start.
Power Down Mode: PD=1 (Analog Power OFF, Oscillator OFF & COM/SEG output at VSS)
Page Address: Y[3:0]=0
Column Address: X[6:0]=0
COM Scan Direction: Depends on
“TMY” setting
SEG Select Direction: Depends on
“TMX” setting
Display Control: Display OFF: D=E=0
Basic Instruction Set: H=0
Initial V0 Setting: V0[4:0]=0
Bias: Depends on
“BR” setting
After power-on, RAM data are undefined and the display status is
“Display OFF”. It’s better to initialize whole DDRAM (ex:
fill all 00h or write the display pattern) before turning the Display ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com