Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7588T Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7588T
Description  81 x 132 Dot Matrix LCD Controller/Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7588T Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7588T Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7588T Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
ST7588T
Ver 1.3
21/61
2007/09/20
Serial Interface
4-Line SPI
When the ST7588T is active (CSB=
”L”), serial data (DB1~3) and serial clock (DB0) inputs are enabled. While not active, the
internal 8-bit shift register and the 3-bit counter are reset. The display data/command indication may be controlled either by
software or the Register Select (A0) Pin. When the A0 pin is used, data is display data when A0 is high and is command data
when A0 is low. When A0 is not used, the LCD Driver will receive command from MCU by default. If messages on the data
pin are data rather than command, MCU should send Data Direction command (11101000) to control the data direction and
then one more command to define the number of data bytes will be write. After these two continuous commands are sent, the
following messages will be data rather than command. Serial data can be read on the rising edge of serial clock going into
DB6 and processed as 8-bit parallel data on the eighth serial clock. And the DDRAM column address pointer will be
increased by one automatically. The next bytes after the display data string is handled as command data.
(1) 4-Line SPI A Mode (PS0 = "L", PS1 = "H", PS2 = "L")
(2) 4-Line SPI B Mode (PS0 = "L", PS1 = "H", PS2 = "H")
Figure 3
4Lline SPI Timing
Figure 2
4-Line SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com