Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7735 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 166 page
background image
ST7735
V1.7
71
2009-12-04
9.16 Reset Timing
Table 9.16.1 Reset timing
Related
Pins
Symbol
Parameter
MIN
MAX
Unit
tRESW
Reset pulse duration
10
-
us
-
5
ms
RESX
tREST
Reset cancel
120
ms
Notes:
1. The reset cancel includes also required time for loading ID bytes, VCOM setting and other settings from EEPROM (or
similar device) to registers. This loading is done every time when there is HW reset cancel time (tRT) within 5 ms after a
rising edge of RESX.
2. Spike due to an electrostatic discharge on RESX line does not cause irregular system reset according to the table below:
RESX Pulse
Action
Shorter than 5us
Reset Rejected
Longer than 9us
Reset
Between 5us and 9us
Reset starts
3. During the Resetting period, the display will be blanked (The display is entering blanking sequence, which maximum
time is 120 ms, when Reset Starts in Sleep Out –mode. The display remains the blank state in Sleep In -mode.) and then
return to Default condition for Hardware Reset.
4. Spike Rejection also applies during a valid reset pulse as shown below:
5. When Reset applied during Sleep In Mode.
6. When Reset applied during Sleep Out Mode.
7. It is necessary to wait 5msec after releasing RESX before sending commands. Also Sleep Out command cannot be sent
for 120msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com