Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7735 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7735
Description  262K Color Single-Chip TFT Controller/Driver
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7735 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7735 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7735 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 166 page
background image
ST7735
V1.7
21
2009-12-04
8
Timing chart
8.1 Parallel interface characteristics: 18, 16, 9 or 8-bit bus (8080 series MCU interface)
Fig. 8.1.1 Parallel interface timing characteristics (8080 series MCU interface)
Signal
Symbol
Parameter
Min
Max
Unit
Description
TAST
Address setup time
10
ns
D/CX
TAHT
Address hold time (Write/Read)
10
ns
-
TCHW
Chip select “H” pulse width
0
ns
TCS
Chip select setup time (Write)
15
ns
TRCS
Chip select setup time (Read ID)
45
ns
TRCSFM
Chip select setup time (Read FM)
350
ns
TCSF
Chip select wait time (Write/Read)
10
ns
CSX
TCSH
Chip select hold time
10
ns
-
TWC
Write cycle
100
ns
TWRH
Control pulse “H” duration
30
ns
WRX
TWRL
Control pulse “L” duration
30
ns
TRC
Read cycle (ID)
160
ns
TRDH
Control pulse “H” duration (ID)
90
ns
RDX (ID)
TRDL
Control pulse “L” duration (ID)
45
ns
When read ID data
TRCFM
Read cycle (FM)
450
ns
TRDHFM
Control pulse “H” duration (FM)
150
ns
RDX
(FM)
TRDLFM
Control pulse “L” duration (FM)
150
ns
When read from frame
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com