Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7787 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 217 page
background image
ST7787
V1.7
2008.04.18
17
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1041
G273
-9108
486.72
1081
DGNDO
-8705
-450.28
1042
G275
-9126
344.72
1082
RCM0
-8625
-450.28
1043
G277
-9144
486.72
1083
VDDIO
-8545
-450.28
1044
G279
-9162
344.72
1084
RCM1
-8465
-450.28
1045
G281
-9180
486.72
1085
DGNDO
-8385
-450.28
1046
G283
-9198
344.72
1086
SRGB
-8305
-450.28
1047
G285
-9216
486.72
1087
VDDIO
-8225
-450.28
1048
G287
-9234
344.72
1088
SMX
-8145
-450.28
1049
G289
-9252
486.72
1089
DGNDO
-8065
-450.28
1050
G291
-9270
344.72
1090
SMY
-7985
-450.28
1051
G293
-9288
486.72
1091
VDDIO
-7905
-450.28
1052
G295
-9306
344.72
1092
IDM
-7825
-450.28
1053
G297
-9324
486.72
1093
DGNDO
-7745
-450.28
1054
G299
-9342
344.72
1094
REV
-7665
-450.28
1055
G301
-9360
486.72
1095
VDDIO
-7585
-450.28
1056
G303
-9378
344.72
1096
RL
-7505
-450.28
1057
G305
-9396
486.72
1097
DGNDO
-7425
-450.28
1058
G307
-9414
344.72
1098
TB
-7345
-450.28
1059
G309
-9432
486.72
1099
VDDIO
-7265
-450.28
1060
G311
-9450
344.72
1100
SHUT
-7185
-450.28
1061
G313
-9468
486.72
1101
DGNDO
-7105
-450.28
1062
G315
-9486
344.72
1102
GS
-7025
-450.28
1063
G317
-9504
486.72
1103
LCM1
-6945
-450.28
1064
G319
-9522
344.72
1104
LCM0
-6865
-450.28
1065
DUMMY
-9540
486.72
1105
VDDIO
-6785
-450.28
1066
DUMMY
-9558
344.72
1106
TP0
-6705
-450.28
1067
DUMMY
-9576
486.72
1107
TP1
-6625
-450.28
1068
DUMMY
-9594
344.72
1108
TP2
-6545
-450.28
1069
DUMMY
-9612
486.72
1109
TP3
-6465
-450.28
1070
DUMMY
-9585
-450.28
1110
D17
-6385
-450.28
1071
DUMMY
-9505
-450.28
1111
D16
-6305
-450.28
1072
EXTC
-9425
-450.28
1112
D15
-6225
-450.28
1073
DGNDO
-9345
-450.28
1113
D14
-6145
-450.28
1074
IM0
-9265
-450.28
1114
D13
-6065
-450.28
1075
VDDIO
-9185
-450.28
1115
D12
-5985
-450.28
1076
IM1
-9105
-450.28
1116
D11
-5905
-450.28
1077
DGNDO
-9025
-450.28
1117
D10
-5825
-450.28
1078
IM2
-8945
-450.28
1118
D9
-5745
-450.28
1079
VDDIO
-8865
-450.28
1119
D8
-5665
-450.28
1080
P68
-8785
-450.28
1120
DGNDO
-5585
-450.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com