Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8008 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST8008
Description  80 Output LCD Segment Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8008 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST8008 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 21Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ST8008
V0.3
17/21
2004/04/05
AC Characteristics
(VSS = 0 V, VDD = +2.5 to +3.0 V, V0 = + 6.0 to +15.0 V, TOPR = -20 10+85 °C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP.
MAX.
UNIT
NOTE
Shift clock period
tWCK
tR,tF ≤ 11ns
125
ns
1
Shift clock "H" pulse width
tWCKH
51
ns
Shift clock "L" pulse width
tWCKL
51
ns
Data setup time
tDS
30
ns
Data hold time
tDH
40
ns
Latch pulse "H" pulse width
tWLPH
51
ns
Shift clock rise to latch pulse rise time
tLD
0
ns
Shift clock fall to latch pulse fall time
tSL
51
ns
Latch pulse rise to shift clock rise time
tLS
51
ns
Latch pulse fall to shift clock fall time
tLH
51
ns
Latch pulse fall to shift clock rise time
tLSW
50
ns
Enable setup time
tS
36
ns
Input signal rise time
tR
50
ns
2
Input signal fall time
tF
50
ns
2
DISPOFF removal time
tSD
100
ns
DISPOFF "L" pulse width
tWDL
1.2
µs
Output delay time (1)
tD
CL = 15 pF
78
ns
Output delay time (2)
tPD1, t PD2
CL = 15 pF
1.2
µs
Output delay time (3)
t PD3
CL = 15 pF
1.2
µs
NOTES: 1. Takes the cascade connection into consideration.
2. (tWCK - tWCKH - tWCKL)/2 is maximum in the case of high speed operation.
(VSS = 0 V, VDD = +5.0±0.5 V, V0 = + 6.0 to +15.0 V, TOPR = -20 to +85 °C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Shift clock period
tWCK
tR,tF ≤ 10ns
66
ns
1
Shift clock "H" pulse width
tWCKH
23
ns
Shift clock "L” pulse width
tWCKL
23
ns
Data setup time
tDS
15
ns
Data hold time
tDH
23
ns
Latch pulse "H" pulse width
tWLPH
30
ns
Shift clock rise to latch pulse rise time
tLD
0
ns
Shift clock fall to latch pulse fall time
tSL
50
ns
Latch pulse rise to shift clock rise time
tLS
30
ns
Latch pulse fall to shift clock fall time
tLH
30
ns
Latch pulse fall to shift clock rise time
tLSW
50
ns
Enable setup time
tS
15
ns
Input signal rise time
tR
50
ns
2
Input signal fall time
tF
50
ns
2
DISPOFF removal time
tSD
100
ns
DISPOFF "L" pulse width
tWDL
1.2
µs
Output delay time (1)
tD
CL = 15 pF
41
ns
Output delay time (2)
tPD1, tPD2
CL = 15 pF
1.2
µs
Output delay time (3)
tPD3
CL = 15 pF
1.2
µs
NOTES:1. Takes the cascade connection into consideration.
2. (tWCK - tWCKH - tWCKL)/2 is maximum in the case of high speed operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com