Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8012 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST8012
Description  120 Output LCD Common/Segment driver IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8012 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST8012 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8012 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ST8012
V1.6
21/47
2004/09/08
6.
DESCRIPTION FUNCTIONS
The MPU Interface
Selecting the Interface Type
With the ST8012 chips, data transfers are done through
an 4-bit parallel data bus (D3 to D0) or through a serial
data input (SI). Through selecting the P/S terminal
polarity to the “H” or “L” it is possible to select either
parallel data input or serial data input as shown in Table
1.
Table 1
P/S
D0
D3~D1
H: Parallel Input
D0
D3~D1
L: Serial Input
SI
VDD
Command Serial Interface
With the ST8012 chips, command data transfers are
done through a serial data input. And it’s timing show in
Figure1.
Figure1
SCLK
XCS
SID
1
2
3
4
5
10
11
12
13
14
15
1
rite command timing diagram
rite command timing diagram
rite command timing diagram
rite command timing diagram
D
D
D5
D4
D3
D2
D1
D0
D
D
D5
D4
D3
D2
D1
D0
ps :when don’t use the command must set XCS to height level.
The Power Supply Circuits (use serial interface)
The power supply circuits are low-power consumption
power supply circuits that generate the voltage levels
required for the LCD drivers. They are Booster circuits,
voltage regulator circuits, and voltage follower circuits.
They are only enabled in master operation, when the
mode is in common mode or common/segment mode.
The power supply circuits can turn the Booster circuits,
the voltage regulator circuits, and the voltage follower
circuits ON or OFF independently through the use of
the Power Control Set command. Consequently, it is
possible to make an external power supply and the
internal power supply function somewhat in parallel.
Table 3 shows the Power Control Set Command 3-bit
data control function, and Table 4 shows reference
combinations.
Table3
bit
Function
Status
“111”
“000”
D2
D1
D0
Booster circuit control bit
ON
OFF
The Control Details of Each Bit of the Power Control Set Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com