Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024T Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST8024T
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024T Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST8024T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ST8024T
Preliminary
Ver 0.12
Page 8/26
2008/01/24
During output, set to "H" while LP • XCK is "H" and after 240 bits of data have been
read, set
to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to
"H".
During input, the chip is selected while El is set to "L" after the LP signal is input. The
chip is non-selected after 240 bits of data have been read.
Y1 -Y240
LCD drive output pins
Corresponding directly to each bit of the data latch, one level (V0, V12, V43, or VSS) is
selected and output.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
(Common mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin, connected to +2.5 to +5.5 V.
GND
Ground pin
LGND
Logic ground pin
Do not short LGND with GND and Vss by ITO on LCD panel
Connect it to GND on PCB or FPC.
VSS
Connect to GND by ITO on LCD panel.
V0L, V0R
V12L, V12R
V43L, V43R
Bias power supply pins for LCD drive voltage
Normally use the bias voltages set by a resistor divider.
Ensure that voltages are set such that VSS < V43 < V12 < V0.
ViL and ViR (i = 0,12, 43) must connect to an external power supply, and supply regular
voltage which is assigned by specification for each power pin.
ElO1
Shift data input/output pin for bi-directional shift register
Output pin when L/R is at LGND level "L', input pin when L/R is at VDD level "H".
When L/R = H, ElO1 is used as input pin, it will be pulled down.
When L/R = L, ElO1 is used as output pin, it won't be pulled down.
Refer to section 7.2.2.
EIO2
Shift data input/output pin for bi-directional shift register
Input pin when L/R is at LGND level "L", output pin when L/R is at VDD level "H".
When L/R = L, EIO2 is used as input pin, it will be pulled down.
When L/R = H, EIO2 is used as output pin, it won't be pulled down.
Refer to section 7.2.2.
LP
Shift clock pulse input pin for bi-directional shift register
Data is shifted at the falling edge of the clock pulse.
L/R
Input pin for selecting the shift direction of bi-directional shift register
Data is shifted from Y240 to Y1 when set to LGND level "L", and data is shifted from Y1 to
Y240 when set to VDD level "H".
Refer to section 7.2.2.
/DISPOFF
Control input pin for output of non-select level
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
When set to LGND level "L", the LCD drive output pins (Y1-Y240) are set to level LGND.
When set to "L”, the contents of the shift register are reset to not reading data. When
the /DISPOFF function is canceled, the driver outputs non-select level (V12 or V43), and
the shift data is read at the next falling edge of the LP. At that time, if /DISPOFF
removal time does not correspond to what is shown in AC characteristics, the shift data
is not read correctly.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
Normally it inputs a frame inversion signal.
The LCD drive output pins' output voltage levels can be set using the shift register
output signal and the FR signal.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
MD
Mode selection pin
When set to LGND level "L", single mode operation is selected; when set to VDD level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com