Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024T Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST8024T
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024T Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST8024T Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024T Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ST8024T
Preliminary
Ver 0.12
Page 15/26
2008/01/24
8.
PRECAUTIONS
Precautions when connecting or disconnecting the power supply
This IC has a high-voltage LCD driver, so it may be permanently damaged by a high current which
may flow if voltage is supplied to the LCD drive power supply while the logic system power supply
is floating. The details are as follows,
When connecting the power supply, connect the LCD drive power after connecting the logic
system power. Furthermore, when disconnecting the power, disconnect the logic system power
after disconnecting the LCD drive power
It is advisable to connect the serial resistor (50 to 100
) or fuse to the LCD drive power V0 of
the system as a current limiter. Set up a suitable value of the resistor in consideration of the
display grade.
And when connecting the logic power supply, the logic condition of this IC inside is insecure.
Therefore connect the LCD drive power supply after resetting logic condition of this IC inside on
/DISPOFF function. After that, cancel the /DISPOFF function after the LCD drive power supply
has become stable. Furthermore, when disconnecting the power, set the LCD drive output pins to
level LGND on /DISPOFF function. Then disconnect the logic system power after disconnecting
the LCD drive power.
When connecting the power supply, follow the recommended sequence shown here
.
VDD
LGND
VDD
LGND
V0
GND
VDD
/DISPOFF
V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com